전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC07-11SURKWA 데이터시트(PDF) 1 Page - Kingbright Corporation

부품명 TC07-11SURKWA
상세설명  Low current operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC07-11SURKWA 데이터시트(HTML) 1 Page - Kingbright Corporation

  TC07-11SURKWA Datasheet HTML 1Page - Kingbright Corporation TC07-11SURKWA Datasheet HTML 2Page - Kingbright Corporation TC07-11SURKWA Datasheet HTML 3Page - Kingbright Corporation TC07-11SURKWA Datasheet HTML 4Page - Kingbright Corporation TC07-11SURKWA Datasheet HTML 5Page - Kingbright Corporation TC07-11SURKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAM8570
REV NO: V.2A
DATE: MAR/20/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: P.Cheng
ERP: 1332001220
18mm (0.7INCH) SINGLE COLOR DOT
MATRIX DISPLAY
Part Number: TC07-11SURKWA
Hyper Red
Features
0.7 inch matrix height.
Dot size 2mm.
Low current operation.
Stackable vertically and horizontally.
Easy mounting on P.C. boards or sockets.
Mechanically rugged.
Standard: gray face, white dot.
RoHS compliant.
Description
The Hyper Red source color devices are made with Al-
GaInP on GaAs substrate Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


유사한 부품 번호 - TC07-11SURKWA

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC07-11SRWA ETC-TC07-11SRWA Datasheet
153Kb / 5P
   18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TC07-11SRWA KINGBRIGHT-TC07-11SRWA Datasheet
133Kb / 5P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
TC07-11SRWA KINGBRIGHT-TC07-11SRWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11SYKWA KINGBRIGHT-TC07-11SYKWA Datasheet
353Kb / 6P
   Low current operation
More results

유사한 설명 - TC07-11SURKWA

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
   Low current operation
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
   Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
   Low current operation
TC07-11SYKWA KINGBRIGHT-TC07-11SYKWA Datasheet
353Kb / 6P
   Low current operation
SC05-11XWA KINGBRIGHT-SC05-11XWA Datasheet
1Mb / 5P
   Low current operation
SA36-11SURKWA KINGBRIGHT-SA36-11SURKWA Datasheet
374Kb / 6P
   Low current operation
SC36-11CGKWA KINGBRIGHT-SC36-11CGKWA Datasheet
372Kb / 6P
   Low current operation
SC39-11CGKWA KINGBRIGHT-SC39-11CGKWA Datasheet
352Kb / 6P
   Low current operation
SA36-11CGKWA KINGBRIGHT-SA36-11CGKWA Datasheet
372Kb / 6P
   Low current operation
SA39-11CGKWA KINGBRIGHT-SA39-11CGKWA Datasheet
350Kb / 6P
   Low current operation
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com