전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1539AIRZ 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL1539AIRZ
상세설명  Dual Port VDSL2 Line Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1539AIRZ 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL1539AIRZ Datasheet HTML 1Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 2Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 3Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 4Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 5Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 6Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 7Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 8Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2009. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
Dual Port VDSL2 Line Driver
ISL1539A
The ISL1539A provides 4 internal wideband op amps
intended to be used as two pairs of differential line
drivers. The ISL1539A’s high bandwidth, 240MHz, and
ultra low distortion, -89dBc @ 1MHz, 2VP-P, support the
demanding MTPR requirements of emerging VDSL2 line
driver designs. Less demanding requirements can be met
at very low quiescent powers using the supply current
adjustment features.
Each of the 4 internal op amps is a wideband current
feedback amplifier offering very high slew rate intrinsic to
that design using low quiescent current levels. Each of
the two pair of amplifiers (ports) can also be power
optimized to the application using two external quiescent
control logic pins. Full power is nominally 27.2mA/port
with options of medium power cutback to 23mA/port, a
low power condition at 13.5mA/port, and an off state at
<0.5mA/port. Added quiescent power flexibility is
provided through an external IADJ pin. Grounding the pin
gives the nominal currents listed above while inserting a
resistor from this pin to ground can be used to scale each
of the settings downward.
High power push/pull line driver applications as
illustrated in the example below are best supported using
a low headroom, high output current device. On ±12V
supplies, the ISL1539A offers a 1.1V headroom with
>360mA peak output current. Driving differentially this
gives >41.8VP-P swing to as low as 58Ω differential load.
High SFDR operation is also supported for supplies as low
as ±7.5V. Intended to be used as differential pairs, this
two port device includes special circuitry to minimize
common mode loop peaking while also reducing the
common mode output noise spectrum. That circuitry
links the two sides of each port, precluding their
application as individual amplifiers.
Features
• 360mA Output Drive Capability
•41.8VP-P Differential Output Drive into 100Ω
• -89dBc THD @ 1MHz 2VP-P
• -65dBc MTPR (VDSL 8b Profile)
• High Slew Rate of 3000V/µs Differential
• Bandwidth (240MHz @ AV-DIFF = 10)
• Supply Current Control Pins
• Port Separation
- 78dB @ 500kHz
-70dB @ 1MHz
-60dB @ 4MHz
• Pb-Free (RoHS Compliant)
Applications*(see page 21)
• 8MHz and 17MHz VDSL2 Profiles
•ADSL2+
Related Literature (see Device Info page)
• AN1325 “Choosing and Using Bypass Capacitors”
• TB426 “Characterization of the Output Protection
Circuitry of the EL1528 DSL Driver for Lightning
Surges”
TABLE 1. ALTERNATE SOLUTIONS
PART #
NOMINAL ±VCC
(V)
BANDWIDTH
(MHz)
APPLICATIONS
ISL1557
±6
200
VDSL
ISL1534
±12
40
ADSL2+
ISL1536
±12
50
ADSL2+
Typical Application
4MHz Harmonic Distortion
Ro
Rb
Rf
+12V
+
-
SOURCE
Rb
Rf
+
-
Rg
-12V
3.2k
3.2k
711
¼
ISL1539A
¼
ISL1539A
Ro
LOAD
1:n
TYPICAL DIFFERENTIAL I/O LINE DRIVER
(1 OF 2 PORTS)
VO
VI
AV-DIFF = VO/VI = 10V/V
Ω
Ω
Ω
VS = ±12V
AV = +10
RF = 3.2kΩ
RL = 100Ω DIFF
3rd HD
2nd HD
THD
September 23, 2009
FN6916.0


유사한 부품 번호 - ISL1539AIRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
ISL1539A RENESAS-ISL1539A Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results

유사한 설명 - ISL1539AIRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Texas Instruments
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Texas Instruments
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com