전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1550IRZ-T13 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL1550IRZ-T13
상세설명  Single Port, VDSL2 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1550IRZ-T13 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL1550IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Single Port, VDSL2 Differential Line Driver
ISL1550
The ISL1550 is a dual operational amplifier intended to be
used as a differential line driver. ISL1550’s high bandwidth
and low distortion performance enables the support of VDSL2
8b, 17a and 30a modem applications.
This device features a high current drive capability of ±750mA
required to drive large voltage peaks into heavy loads. In
Central Office (CO) applications, the driver achieves a typical
Missing Band Power Ratio (MBPR) of -66dBc in VDSL2 8b
upstream (US) 1 band and MBPR’s of -61dBc and -60dBc in
VDSL2 17a US1 and US2 respectively.
The ISL1550 has two bias current control pins (C0, C1) to allow
for four power settings (disable, low, medium, high). The VDSL
modem DSP configures the line driver’s power setting based
on the desired mode of operation. The line driver operates on a
nominal single +12V or a dual ±6V supplies with bias current
in active mode between 15mA to 32mA, depending on its
power setting. The ISL1550’s gain setting is configurable at
the application level by setting the Rf and Rg resistor values.
The surge current handling of ISL1550 has been enhanced to
allow ITU-T K.20 and GR1089 compliance with minimal
external surge protection circuitry.
The ISL1550 is available in the thermally-enhanced, Pb-free
RoHS compliant 16 Ld QFN package and is specified for
operation over the full -40°C to +85°C temperature range.
Features
• 20dBm output power capability
• Drives up to ±750mA from a +12V supply
•18VP-P differential output drive into 20Ω
• -89dBc typical driver output distortion at full output at
200kHz, 12VP-P differential
• -61dBc US1, -60dBc US2 avg. MBPR 17a
• Supply range: ±4.0V to ±6.6V, +8.0V to +13.2V
•Thermal shutdown
• K.20, GR-1089 Surge Robustness Validated
Applications
• VDSL2 Profiles: 8MHz, 17MHz, and 30MHz
Related Literature
• AN1325 “Choosing and Using Bypass Capacitors”
TABLE 1. ALTERNATE SOLUTIONS
PART #
NOMINAL ±VCC
(V)
BANDWIDTH
(MHz)
APPLICATIONS
ISL1557
±6,+12
200
VDSL2
ISL1539A
±12,+24
240
VDSL2
FIGURE 1. TYPICAL APPLICATION CIRCUIT
FIGURE 2. US2 MBPR 17a VDSL2 PERFORMANCE
2.2
750
+6V
+
-
AFE
750
+
-
1.5k
½
ISL1550
½
ISL1550
2.2
100
NOMINAL
LINE
1:2.5
1k
1k
2.2n
-6V
500
500
100n
100n
SUPPLY
DECOUPLING
NOT SHOWN
Rf
Rf
Rg
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
8.40M 8.90M 9.40M 9.90M 10.4M 10.9M 11.4M 11.9M
FREQUENCY (Hz)
March 16, 2012
FN6795.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL1550IRZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1550IRZ-T13 INTERSIL-ISL1550IRZ-T13 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550IRZ-T13 RENESAS-ISL1550IRZ-T13 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
More results

유사한 설명 - ISL1550IRZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Analog Devices
AD8398A AD-AD8398A_16 Datasheet
375Kb / 13P
   Single Port VDSL2 Line Driver with Shutdown
AD8398A AD-AD8398A Datasheet
87Kb / 2P
   Single Port VDSL2 Line Driver with Shutdown
Rev. Sp0
AD8398A AD-AD8398A_17 Datasheet
368Kb / 12P
   Single Port VDSL2 Line Driver with Shutdown
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com