전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1561IRZ-T13 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL1561IRZ-T13
상세설명  Fixed Gain Dual Port Class-G Differential xDSL Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1561IRZ-T13 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL1561IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 12Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ISL1561
9
FN7941.1
February 26, 2013
FIGURE 21. QUIESCENT CURRENT vs TEMPERATURE
FIGURE 22. GAIN AT LOAD vs TEMPERATURE
FIGURE 23. SLEW RATE vs TEMPERATURE
FIGURE 24. 4MHz HARMONIC DISTORTION vs TEMPERATURE
FIGURE 25. OUTPUT SWING vs TEMPERATURE
FIGURE 26. OUTPUT OFFSET CM AND DM vs TEMPERATURE
Typical Performance Curves V
CC = +14V, Rb = 5.1Ω, Gain at the Load = 11.6V/V (Differential), RLOAD = 51Ω,
TA = +25°C, Unless otherwise noted. (Continued)
0
5
10
15
20
25
30
35
40
45
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
Iq = ‘7F’
Iq = ‘1C’
11.40
11.45
11.50
11.55
11.60
11.65
11.70
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
GAIN
900
920
940
960
980
1000
1020
1040
1060
1080
1100
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
SR
-80
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
3RD HD
2ND HD
10VP-P
0
2
4
6
8
10
12
14
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
HIGH SWING
LOW SWING
0
1
2
3
4
5
6
7
8
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
CM
DM


유사한 부품 번호 - ISL1561IRZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
   3 pin serial port interface
logo
Renesas Technology Corp
ISL1561IRZ-T13 RENESAS-ISL1561IRZ-T13 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
More results

유사한 설명 - ISL1561IRZ-T13

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL1561 RENESAS-ISL1561 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Texas Instruments
THS6184 TI1-THS6184_16 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184 TI-THS6184 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com