전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL24020IHTZ-T7 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL24020IHTZ-T7
상세설명  Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24020IHTZ-T7 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL24020IHTZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN6735.0
October 2, 2008
ISL24020
FIGURE 7. OPEN-LOOP GAIN vs TEMPERATURE
FIGURE 8. SLEW RATE vs TEMPERATURE
FIGURE 9. SUPPLY CURRENT PER AMPLIFIER vs SUPPLY
VOLTAGE
FIGURE 10. SUPPLY CURRENT PER AMPLIFIER vs
TEMPERATURE
FIGURE 11. DIFFERENTIAL GAIN
FIGURE 12. DIFFERENTIAL PHASE
Typical Performance Curves (Continued)
70
75
60
65
VS = ±5V
RL = 1kΩ
TEMPERATURE (°C)
-10
-50
30
70
110
150
75
76
74
78
73
72
77
VS = ±5V
TEMPERATURE (°C)
-10
-50
30
70
110
150
1.7
2.5
SUPPLY VOLTAGE (V)
1.5
2.9
2.1
2.3
2.7
1.9
TA = +25°C
8
4
121620
2.45
2.50
2.40
2.60
2.65
2.55
2.70
VS = ±5V
TEMPERATURE (°C)
-10
-50
30
70
110
150
-0.16
-0.04
IRE
-0.18
0.00
-0.12
-0.06
-0.02
-0.14
0
100
200
-0.08
-0.10
VS = ±5V
AV = 2
RL = 1kΩ
0.20
IRE
0.00
0.30
0.15
0.25
0
100
200
0.10
0.05


유사한 부품 번호 - ISL24020IHTZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
194Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
logo
Renesas Technology Corp
ISL24020IHTZ-T7 RENESAS-ISL24020IHTZ-T7 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
More results

유사한 설명 - ISL24020IHTZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL24020 INTERSIL-ISL24020 Datasheet
194Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
ISL24020 RENESAS-ISL24020 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com