전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28127FRTZ 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL28127FRTZ
상세설명  Precision Single and Dual Low Noise Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28127FRTZ 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL28127FRTZ Datasheet HTML 1Page - Intersil Corporation ISL28127FRTZ Datasheet HTML 2Page - Intersil Corporation ISL28127FRTZ Datasheet HTML 3Page - Intersil Corporation ISL28127FRTZ Datasheet HTML 4Page - Intersil Corporation ISL28127FRTZ Datasheet HTML 5Page - Intersil Corporation ISL28127FRTZ Datasheet HTML 6Page - Intersil Corporation ISL28127FRTZ Datasheet HTML 7Page - Intersil Corporation ISL28127FRTZ Datasheet HTML 8Page - Intersil Corporation ISL28127FRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ISL28127, ISL28227
5
FN6633.7
September 10, 2015
TCVOS
Offset Voltage Drift;
SOIC Package
ISL28127
-0.5
0.1
0.5
µV/
°C
ISL28227
-0.75
0.1
0.75
µV/
°C
Offset Voltage Drift;
MSOP, Grade B
ISL28127
-0.80
0.1
0.80
µV/
°C
Offset Voltage Drift;
TDFN, Grade B
ISL28127
-0.90
0.1
0.90
µV/
°C
Offset Voltage Drift;
MSOP, TDFN, Grade B
ISL28227
-0.75
0.1
0.75
µV/
°C
Offset Voltage Drift;
MSOP, TDFN, Grade C
ISL28127
ISL28227
-1
0.1
1
µV/
°C
IOS
Input Offset Current
-10
1
10
nA
-12
-
12
nA
IB
Input Bias Current
-10
1
10
nA
-12
-
12
nA
VCM
Input Voltage Range
Guaranteed by CMRR
-13
-
13
V
-12
-
12
V
CMRR
Common-Mode Rejection Ratio
VCM = -13V to +13V
115
120
-
dB
VCM = -12V to +12V
115
-
-
dB
PSRR
Power Supply Rejection Ratio
ISL28127
VS = ±2.25V to ±20V
115
125
-
dB
VS = ±3V to ± 20V
115
-
-
dB
Power Supply Rejection Ratio
ISL28227
VS = ±2.25V to ±20V
110
117
-
dB
VS = ±3V to ± 20V
110
--
dB
AVOL
Open-Loop Gain
VO = -13V to +13V
RL = 10k to ground
1000
1500
-
V/mV
VOH
Output Voltage High
RL = 10k to ground
13.5
13.65
-
V
13.2
--
V
RL = 2k to ground
13.4
13.5
-
V
13.1
-
-
V
VOL
Output Voltage Low
RL = 10k to ground
-
-13.65
-13.5
V
--
-13.2
V
RL = 2k to ground
-
-13.5
-13.4
V
--
-13.1
V
IS
Supply Current/Amplifier
-
2.2
2.8
mA
-
-
3.7
mA
ISC
Short-Circuit
RL = 0to ground
-
±45
-
mA
VSUPPLY
Supply Voltage Range
Guaranteed by PSRR
±2.25
-
±20
V
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
-
10
-
MHz
enp-p
Voltage Noise
0.1Hz to 10Hz
-
85
-
nVP-P
en
Voltage Noise Density
f = 10Hz
-
3
-
nV/
Hz
en
Voltage Noise Density
f = 100Hz
-
2.8
-
nV/
Hz
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over
the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT


유사한 부품 번호 - ISL28127FRTZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28127FRTZ INTERSIL-ISL28127FRTZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FRTZ INTERSIL-ISL28127FRTZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127FRTZ RENESAS-ISL28127FRTZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

유사한 설명 - ISL28127FRTZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com