전자부품 데이터시트 검색엔진 |
|
ISL28217FRTZ 데이터시트(PDF) 2 Page - Intersil Corporation |
|
ISL28217FRTZ 데이터시트(HTML) 2 Page - Intersil Corporation |
2 / 34 page ISL28117, ISL28217, ISL28417 2 November 30, 2012 FN6632.10 Ordering Information PART NUMBER (Notes 1, 2, 3) PART MARKING VOS (MAX) (µV) PACKAGE (Pb-Free) PKG. DWG. # ISL28117FBBZ 28117 FBZ 50 (B Grade) 8 Ld SOIC M8.15E ISL28117FBZ 28117 FBZ -C 100 (C Grade) 8 Ld SOIC M8.15E ISL28117FUBZ 8117Z 70 (B Grade) 8 Ld MSOP M8.118B ISL28117FUZ 8117Z -C 150 (C Grade) 8 Ld MSOP M8.118B ISL28117FRTBZ 8117 75 (B Grade) 8 Ld TDFN L8.3x3K ISL28117FRTZ -C 8117 150 (C Grade) 8 Ld TDFN L8.3x3K ISL28217FBBZ 28217 FBZ 50 (B Grade) 8 Ld SOIC M8.15E ISL28217FBZ 28217 FBZ -C 100 (C Grade) 8 Ld SOIC M8.15E Coming Soon ISL28217FUBZ 8217Z TBD (B Grade) 8 Ld MSOP M8.118B ISL28217FUZ 8217Z -C 150 (C Grade) 8 Ld MSOP M8.118B ISL28217FRTBZ 8217 70 (B Grade) 8 Ld TDFN L8.3x3K ISL28217FRTZ -C 8217 150 (C Grade) 8 Ld TDFN L8.3x3K ISL28417FBBZ 28417 FBZ 120 (B Grade) 14 Ld SOIC MDP0027 ISL28417FBZ 28417 FBZ -C 200 (C Grade) 14 Ld SOIC MDP0027 ISL28417FVBZ 28417 FVZ 120 (B Grade) 14 Ld TSSOP M14.173 ISL28417FVZ 28417 FVZ-C 200 (C Grade) 14 Ld TSSOP M14.173 ISL28117SOICEVAL1Z Evaluation Board ISL28217SOICEVAL2Z Evaluation Board NOTES: 1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28117, ISL28217, ISL28417. For more information on MSL please see techbrief TB363. |
유사한 부품 번호 - ISL28217FRTZ |
|
유사한 설명 - ISL28217FRTZ |