전자부품 데이터시트 검색엔진 |
|
ISL28417FVZ 데이터시트(PDF) 6 Page - Intersil Corporation |
|
ISL28417FVZ 데이터시트(HTML) 6 Page - Intersil Corporation |
6 / 34 page ISL28117, ISL28217, ISL28417 6 November 30, 2012 FN6632.10 Absolute Maximum Ratings Thermal Information Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ....42V Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA Maximum Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V Max/Min Input current for Input Voltage >V+ or <V-. . . . . . . . . . . . . . . . ±20mA Output Short-Circuit Duration (1 output at a time). . . . . . . . . . . . . . . . Indefinite ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V Machine Model (ISL28217 MSOP only) . . . . . . . . . . . . . . . . . . . . . . . 300V Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5kV ESD Rating (ISL28417 SOIC) Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450V Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV Thermal Resistance (Typical) θJA (°C/W) θJC (°C/W) 8 Ld SOIC ISL28117 (Notes 4, 7) . . . . . . . . 120 60 8 Ld SOIC ISL28217 (Notes 4, 7) . . . . . . . . 105 50 8 Ld MSOP ISL28117 (Notes 4, 7) . . . . . . . 155 50 8 Ld MSOP ISL28217 (Notes 4, 7) . . . . . . . 160 55 8 Ld TDFN ISL28117 (Notes 5, 6). . . . . . . . 48 7 8 Ld TDFN ISL28217 (Notes 5, 6). . . . . . . . 43 2 14 Ld SOIC (Notes 5, 7) . . . . . . . . . . . . . . . . 73 45 14 Ld TSSOP (Notes 4, 7) . . . . . . . . . . . . . . 90 32 Maximum Storage Temperature Range . . . . . . . . . . . .-65°C to +150°C Maximum Junction Temperature (TJMAX) . . . . . . . . . . . . . . . . . . .+150°C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Recommended Operating Conditions Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-40°C to +125°C CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 5. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 6. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside. 7. For θJC, the “case temp” location is taken at the package top center. Electrical Specifications VS ± 15V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating temperature range, -40°C to +125°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 8) TYP MAX (Note 8) UNIT VOS Input Offset Voltage, SOIC, TSSOP Package ISL28x17 B Grade -50 8 50 µV -110 110 µV ISL28x17 C Grade -100 4 100 µV -190 190 µV ISL28417 B Grade -70 10 70 µV -120 120 µV ISL28417 C Grade -110 10 110 µV TA = -40°C to +85°C -160 160 µV TA = -40°C to +125°C -200 200 µV Input Offset Voltage, MSOP Package ISL28117 B Grade -70 -10 70 µV -150 150 µV ISL28117 C Grade -150 4 150 µV -250 250 µV ISL28217 C Grade -150 10 150 µV -250 250 µV Input Offset Voltage, TDFN Package ISL28117 B Grade -75 -10 75 µV -160 160 µV ISL28217 B Grade -70 10 70 µV -140 140 µV ISL28x17 C Grade -150 10 150 µV -250 250 µV |
유사한 부품 번호 - ISL28417FVZ |
|
유사한 설명 - ISL28417FVZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |