전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59424IRZ-T7 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL59424IRZ-T7
상세설명  1GHz Triple Multiplexing Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59424IRZ-T7 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL59424IRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59424IRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59424IRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59424IRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59424IRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59424IRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59424IRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59424IRZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59424IRZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7456.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL59424, ISL59445
1GHz Triple Multiplexing Amplifiers
The ISL59424, ISL59445 are 1GHz bandwidth multiplexing
amplifiers designed primarily for video input switching.
These MUX-amps exhibit a fixed gain of 1 and also feature a
high speed three-state to enable the output of multiple
devices to be wired together. All logic inputs have pull-downs
to ground and may be left floating. The EN pin, when pulled
high, sets the ISL59424, ISL59445 in to low current
mode-consuming just 15mW. An added feature in the
ISL59424 is a latch enable function (LE) that allows
independent logic control using a common logic bus. When
LE is high the last logic state is preserved
.
Features
• Triple 2:1 and 4:1 Multiplexers for RGB
• Internally Set Gain-of-1
• High Speed Three-state Outputs (HIZ)
• Power-down Mode (EN)
• Latch Enable (ISL59424)
• ±5V Operation
• ±1200 V/µsec Slew Rate
• 1GHz Bandwidth
• Latched Select Pin (ISL59424)
• Pb-Free (RoHS Compliant)
Applications
• HDTV/DTV Analog Inputs
• Video Projectors
• Computer Monitors
• Set-top Boxes
• Security Video
• Broadcast Video Equipment
TABLE 1. CHANNEL SELECT LOGIC TABLE ISL59424
S0
ENABLE
HIZ
LE
OUTPUT
0
0
0
0
INO (A, B, C)
1
0
0
0
IN1 (A, B, C)
X
1
X
X
Power Down
X
0
1
X
High Z
X
0
0
1
Last S0 State
Preserved
TABLE 2. CHANNEL SELECT LOGIC TABLE ISL59445
S1
S0
ENABLE
HIZ
OUTPUT
0
0
0
0
IN0 (A, B, C)
0
1
0
0
IN1 (A, B, C)
1
0
0
0
IN2 (A, B, C)
1
1
0
0
IN3 (A, B, C)
X
X
1
X
Power Down
XX
0
1
High Z
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL59424IRZ
59424 IRZ
24 Ld QFN
MDP0046
ISL59424IRZ-T13
59424 IRZ
24 Ld QFN
MDP0046
ISL59424IRZ-T7
59424 IRZ
24 Ld QFN
MDP0046
ISL59445IRZ
59445 IRZ
32 Ld QFN
L32.5x6A
ISL59445IRZ-T13
59445 IRZ
32 Ld QFN
L32.5x6A
ISL59445IRZ-T7
59445 IRZ
32 Ld QFN
L32.5x6A
ISL59445IRZ-EVAL
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish,
which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device
information page for ISL59424 and ISL59445. For more
information on MSL please see techbrief TB363.
4. 32 LD QFN Exposed Pad Size 2.48 x 3.40mm.
Data Sheet
September 30, 2011


유사한 부품 번호 - ISL59424IRZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59424IRZ-T7 INTERSIL-ISL59424IRZ-T7 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424IRZ-T7 RENESAS-ISL59424IRZ-T7 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
More results

유사한 설명 - ISL59424IRZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com