전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC548 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 BC548
상세설명  SWITCHING AND AMPLIFIER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC548 데이터시트(HTML) 2 Page - Unisonic Technologies

  BC548_15 Datasheet HTML 1Page - Unisonic Technologies BC548_15 Datasheet HTML 2Page - Unisonic Technologies BC548_15 Datasheet HTML 3Page - Unisonic Technologies BC548_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC546/547/548
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-037.D
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-base voltage
BC546
VCBO
80
V
BC547
50
V
BC548
30
V
Collector-emitter voltage
BC546
VCEO
65
V
BC547
45
V
BC548
30
V
Emitter-base voltage
BC546
VEBO
6
V
BC547
6
V
BC548
5
V
Collector current (DC)
IC
100
mA
Collector dissipation
PC
500
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector Cut-off Current
ICBO
VCB=30V, IE=0
15
nA
DC current gain
hFE
VCE=5V, IC=2mA
110
800
Collector-emitter saturation voltage
VCE(SAT)
IC=10mA, IB=0.5mA
90
250
mV
IC=100mA, IB=5mA
200
600
mV
Base-emitter saturation voltage
VBE(SAT)
IC=10mA, IB=0.5mA
700
mV
IC=100mA, IB=5mA
900
mV
Base-emitter on voltage
VBE(ON)
VCE=5V, IC=2mA
580
660
700
mV
VCE=5V, IC=10mA
720
mV
Current gain bandwidth product
fT
VCE=5V, IC=10mA, f=100MHz
300
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
3.5
6
pF
Input Capacitance
Cib
VEB=0.5V, IC=0, f=1MHz
9
pF
Noise Figure
NF
VCE=5V, IC=200μA, f=1KHz, RG=2KΩ
2
10
dB
CLASSIFICATION OF hFE
RANK
A
B
C
hFE
110 - 220
200 – 450
420 - 800


유사한 부품 번호 - BC548_15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BC548/549 FAIRCHILD-BC548/549 Datasheet
50Kb / 4P
   Switching and Applications
BC548/549 FAIRCHILD-BC548/549 Datasheet
55Kb / 4P
   Switching and Applications
logo
Weitron Technology
BC548A WEITRON-BC548A Datasheet
1Mb / 5P
   NPN General Purpose Transistor
logo
Micro Commercial Compon...
BC548A MCC-BC548A Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
logo
Motorola, Inc
BC548A MOTOROLA-BC548A Datasheet
193Kb / 6P
   Amplifier Transistors
More results

유사한 설명 - BC548_15

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BC846 UTC-BC846 Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC848 UTC-BC848_15 Datasheet
215Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC327 UTC-BC327_15 Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC328 UTC-BC328_15 Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC558 UTC-BC558_15 Datasheet
396Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC846 UTC-BC846_11 Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC858 UTC-BC858_15 Datasheet
120Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC338 UTC-BC338_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC337 UTC-BC337_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC808 UTC-BC808_15 Datasheet
197Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com