전자부품 데이터시트 검색엔진 |
|
BCP69G-XX-AA3-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
BCP69G-XX-AA3-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
1 / 3 page UNISONIC TECHNOLOGIES CO., LTD BCP69 PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R207-009.E PNP MEDIUM POWER TRANSISTOR FEATURES * High current (max. 1 A) * Low voltage (max. 20 V). * Complementary to UTC BCP68 APPLICATIONS * General purpose switching and amplification * Power applications such as audio output stages. SOT-223 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 BCP69G-xx-AA3-R SOT-223 B C E Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter MARKING |
유사한 부품 번호 - BCP69G-XX-AA3-R |
|
유사한 설명 - BCP69G-XX-AA3-R |