전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X1049AG-T92-K 데이터시트(PDF) 4 Page - Unisonic Technologies

부품명 X1049AG-T92-K
상세설명  HIGH GAIN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X1049AG-T92-K 데이터시트(HTML) 4 Page - Unisonic Technologies

  X1049AG-T92-K Datasheet HTML 1Page - Unisonic Technologies X1049AG-T92-K Datasheet HTML 2Page - Unisonic Technologies X1049AG-T92-K Datasheet HTML 3Page - Unisonic Technologies X1049AG-T92-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
X1049A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R201-061.E
TYPICAL CHARACTERISTICS(Cont.)
180
160
140
120
60
0
0.1ms 1ms 10ms
Pulse Width
Transient Thermal Resistance
100ms 1s
100s
100
80
40
20
10s
D=1(D,C)
D=0.5
D=0.2
D=0.1
D=0.05
Ambient Temperature ( ℃ )
1.0
0.75
0.25
0.00
-40
0
40
80
120
160
200
0.50
Power Dissipation vs. Ambient Temperature
Single Pulse
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


유사한 부품 번호 - X1049AG-T92-K

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
X1049AG-T92-K UTC-X1049AG-T92-K Datasheet
238Kb / 4P
   HIGH GAIN TRANSISTOR
More results

유사한 설명 - X1049AG-T92-K

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
X1049A UTC-X1049A Datasheet
115Kb / 3P
   HIGH GAIN TRANSISTOR
X1049A UTC-X1049A_12 Datasheet
238Kb / 4P
   HIGH GAIN TRANSISTOR
logo
Fairchild Semiconductor
KSD1944 FAIRCHILD-KSD1944 Datasheet
43Kb / 4P
   High Gain Power Transistor
logo
Guangdong Kexin Industr...
2SB852 KEXIN-2SB852 Datasheet
104Kb / 2P
   High-gain Amplifier Transistor
logo
Rohm
2SD1383K ROHM-2SD1383K_11 Datasheet
147Kb / 3P
   High-gain Amplifier Transistor
2SD1383K ROHM-2SD1383K Datasheet
114Kb / 4P
   High-gain Amplifier Transistor
logo
Micropac Industries
66083 MICROPAC-66083 Datasheet
90Kb / 2P
   High gain, high voltage transistor
logo
Guangdong Kexin Industr...
2SD2153 KEXIN-2SD2153 Datasheet
35Kb / 1P
   High Gain Amplifier Transistor
logo
Zetex Semiconductors
ZXTN25020DG ZETEX-ZXTN25020DG Datasheet
217Kb / 6P
   20V NPN high gain transistor
ZXTN25100DG ZETEX-ZXTN25100DG Datasheet
331Kb / 8P
   100V NPN high gain transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com