전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1671A 데이터시트(PDF) 9 Page - Gennum Corporation

부품명 GS1671A
상세설명  Integrated audio clock generator
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1671A 데이터시트(HTML) 9 Page - Gennum Corporation

Back Button GS1671A Datasheet HTML 5Page - Gennum Corporation GS1671A Datasheet HTML 6Page - Gennum Corporation GS1671A Datasheet HTML 7Page - Gennum Corporation GS1671A Datasheet HTML 8Page - Gennum Corporation GS1671A Datasheet HTML 9Page - Gennum Corporation GS1671A Datasheet HTML 10Page - Gennum Corporation GS1671A Datasheet HTML 11Page - Gennum Corporation GS1671A Datasheet HTML 12Page - Gennum Corporation GS1671A Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
GS1671A HD/SD SDI Receiver
Data Sheet
54389 - 1
September 2012
9 of 136
A5, A6, B5,
B6, C5, C6
STAT[0:5]
Output
MULTI-FUNCTIONAL OUTPUT PORT.
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Each of the STAT [0:5] pins can be configured individually to output
one of the following signals:
Signal
H/HSYNC
V/VSYNC
F/DE
LOCKED
Y/1ANC
C/2ANC
DATA ERROR
VIDEO ERROR
AUDIO ERROR
EDH DETECTED
CARRIER DETECT
RATE_DET
Default
STAT0
STAT1
STAT2
STAT3
STAT4
STAT5
A7, D10,
G10, K7
IO_VDD
Input Power
POWER connection for digital I/O. Connect to 3.3V or 1.8V DC
digital.
A8
PCLK
Output
PARALLEL DATA BUS CLOCK
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
HD 10-bit modePCLK @ 148.5 or 148.5/1.001MHz
HD 20-bit modePCLK @ 74.25 or 74.25/1.001MHz
SD 10-bit modePCLK @ 27MHz
SD 20-bit modePCLK @ 13.5MHz
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


유사한 부품 번호 - GS1671A

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results

유사한 설명 - GS1671A

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
   Integrated audio clock generator
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
   Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
logo
Maxim Integrated Produc...
MAX9485 MAXIM-MAX9485 Datasheet
858Kb / 16P
   Programmable Audio Clock Generator
Rev 0; 7/04
logo
Cypress Semiconductor
W48C20 CYPRESS-W48C20 Datasheet
92Kb / 4P
   Audio Subsystem Clock Generator
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
logo
Integrated Circuit Syst...
ICS9120-47 ICST-ICS9120-47 Datasheet
107Kb / 5P
   Modem and Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com