전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2993 데이터시트(PDF) 10 Page - Gennum Corporation

부품명 GS2993
상세설명  Automatic power-down on loss of signal
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2993 데이터시트(HTML) 10 Page - Gennum Corporation

Back Button GS2993 Datasheet HTML 6Page - Gennum Corporation GS2993 Datasheet HTML 7Page - Gennum Corporation GS2993 Datasheet HTML 8Page - Gennum Corporation GS2993 Datasheet HTML 9Page - Gennum Corporation GS2993 Datasheet HTML 10Page - Gennum Corporation GS2993 Datasheet HTML 11Page - Gennum Corporation GS2993 Datasheet HTML 12Page - Gennum Corporation GS2993 Datasheet HTML 13Page - Gennum Corporation GS2993 Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
10 of 23
Propietary & Confidential
Output Rise/Fall time
2.97Gb/s & 1.485Gb/s
20% - 80%
–75–
ps
270Mb/s
150
ps
Mismatch in rise/fall time
30
ps
Duty cycle distortion
3G/HD
30
ps
SD
55
ps
Overshoot
10
%
Input Return Loss
15
21
dB
5
Input Resistance
single-ended
1.9
k
Ω
Input Capacitance
single-ended
1.3
pF
Output Resistance
single-ended
50
Ω
NOTES:
1. 0m cable length.
2. OP_CTL refers to either OP1_CTL or OP2_CTL
3. All parts are production tested. In order to guarantee jitter over the full range of specification (VCC_A, VCC_01 & VCC_02 = 3.3V ±5%, TA =
-40°C to +85°C, and 720-880mV launch swing from the SDI cable driver) the recommended applications circuit must be used.
4. Based on characterization data using the recommended applications circuit, at VCC_A, VCC_01 & VCC_02 = 3.3V, TA = 25°C and 800mV launch
swing from the SDI cable driver.
5. Tested on a GS2993 board from 5MHz to 3GHz.
6. GAIN_SEL = 0.
Table 2-2: AC Electrical Characteristics (Continued)
VCC_A = 3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes


유사한 부품 번호 - GS2993

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2993 SEMTECH-GS2993 Datasheet
1Mb / 23P
   Dual Output Adaptive Cable Equalizer
GS2993 SEMTECH-GS2993 Datasheet
1Mb / 23P
   Dual Output Adaptive Cable Equalizer
More results

유사한 설명 - GS2993

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS2994 GENNUM-GS2994 Datasheet
1Mb / 20P
   Automatic power-down on loss of signal
GS3440 GENNUM-GS3440 Datasheet
1Mb / 23P
   Automatic power-down on loss of signal
GS3441 GENNUM-GS3441 Datasheet
1Mb / 25P
   Automatic power-down on loss of signal
logo
Hittite Microwave Corpo...
HMC914LP4E HITTITE-HMC914LP4E Datasheet
744Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
logo
Analog Devices
HMC914LP4E AD-HMC914LP4E Datasheet
708Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
v03.1012
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
logo
Linear Technology
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Power Integrations, Inc...
CAP004DG-TL POWERINT-CAP004DG-TL Datasheet
604Kb / 8P
   Zero1 Loss Automatic X Capacitor Discharge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com