전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22102IV20Z 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL22102IV20Z
상세설명  32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22102IV20Z 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL22102IV20Z Datasheet HTML 4Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 5Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 6Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 7Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 8Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 9Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 10Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 11Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN6788.2
September 21, 2015
ISL22102
Package Outline Drawing
L20.4x4C
20 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 11/06
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
BOTTOM VIEW
SIDE VIEW
4.00
A
B
6
PIN 1
INDEX AREA
(4X)
0.15
4X
0.50
2.0
16X
20
16
15
11
PIN #1 INDEX AREA
6
2 .70 ± 0 . 15
5
1
20X 0.25 +0.05 / -0.07
0.10 M
AB
C
20X 0.4 ± 0.10
4
6
10
BASE PLANE
SEATING PLANE
0.10
SEE DETAIL "X"
0.08 C
C
C
0 . 90 ± 0 . 1
0 . 2 REF
C
0 . 05 MAX.
0 . 00 MIN.
5
( 3. 8 TYP )
(
2. 70 )
( 20X 0 . 6)
( 20X 0 . 5 )
( 20X 0 . 25 )


유사한 부품 번호 - ISL22102IV20Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22102IV20Z INTERSIL-ISL22102IV20Z Datasheet
197Kb / 11P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Renesas Technology Corp
ISL22102IV20Z RENESAS-ISL22102IV20Z Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
More results

유사한 설명 - ISL22102IV20Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22102 INTERSIL-ISL22102 Datasheet
197Kb / 11P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Renesas Technology Corp
ISL22102 RENESAS-ISL22102 Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
   32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
logo
Copal Electronics
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com