전자부품 데이터시트 검색엔진 |
|
ISL22317WFRTZ 데이터시트(PDF) 2 Page - Intersil Corporation |
|
ISL22317WFRTZ 데이터시트(HTML) 2 Page - Intersil Corporation |
2 / 15 page 2 FN6912.1 April 15, 2010 Block Diagram Ordering Information PART NUMBER (Notes 1, 2, 3) PART MARKING RESISTANCE OPTION (k Ω) TEMP. RANGE (°C) PACKAGE (Pb-free) PKG. DWG. # ISL22317TFRTZ 317T 100 -40 to +125 10 Ld TDFN L10.3x3B ISL22317UFRTZ 317U 50 -40 to +125 10 Ld TDFN L10.3x3B ISL22317WFRTZ 317W 10 -40 to +125 10 Ld TDFN L10.3x3B NOTES: 1. Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD- 020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL22317. For more information on MSL please see techbrief TB363. SCL SDA RREF POWER-UP, INTERFACE, RH RL RW GND 10k Ω 0.5% External Resistor A1 VCC REF_A REF_B for W option, respectively EEPROM AND CONTROL LOGIC or 50k Ω 0.5% for U and T options Pinout ISL22317 (10 LD TDFN) TOP VIEW 2 3 4 1 5 9 8 7 10 6 SCL SDA A1 REF_A REF_B VCC RH RW RL GND Pin Descriptions TDFN PIN # SYMBOL DESCRIPTION 1 SCL Open drain I2C interface clock input 2 SDA Open drain Serial data I/O for the I2C interface 3 A1 Device address input for the I2C interface 4 REF_A Terminal A for an external reference resistor 5 REF_B Terminal B for an external reference resistor 6 GND Device ground pin 7 RL “Low” terminal of DCP 8 RW “Wiper” terminal of DCP 9 RH “High” terminal of DCP 10 VCC Power supply pin EPAD* Exposed Die Pad internally connected to GND *PCB thermal land for QFN/TDFN EPAD should be connected to GND plane or left floating. For more information refer to http://www.intersil.com/data/tb/TB389.pdf ISL22317 |
유사한 부품 번호 - ISL22317WFRTZ |
|
유사한 설명 - ISL22317WFRTZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |