전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22326UFR16Z 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL22326UFR16Z
상세설명  Low Noise, Low Power, I2C™ Bus, 128 Taps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22326UFR16Z 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL22326UFR16Z Datasheet HTML 1Page - Intersil Corporation ISL22326UFR16Z Datasheet HTML 2Page - Intersil Corporation ISL22326UFR16Z Datasheet HTML 3Page - Intersil Corporation ISL22326UFR16Z Datasheet HTML 4Page - Intersil Corporation ISL22326UFR16Z Datasheet HTML 5Page - Intersil Corporation ISL22326UFR16Z Datasheet HTML 6Page - Intersil Corporation ISL22326UFR16Z Datasheet HTML 7Page - Intersil Corporation ISL22326UFR16Z Datasheet HTML 8Page - Intersil Corporation ISL22326UFR16Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FN6176.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) and XDCP are registered trademarks of Intersil Americas LLC.
Copyright Intersil Americas LLC. 2006, 2008, 2009, 2015. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22326
Dual Digitally Controlled Potentiometers (XDCP™)
Low Noise, Low Power, I2CBus, 128 Taps
The ISL22326 integrates two digitally controlled potentiometers
(XDCP) and non-volatile memory on a monolithic CMOS
integrated circuit.
The digitally controlled potentiometers are implemented with
a combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. Each potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR controls the position of the
wiper. At power-up the device recalls the contents of the two
DCP’s IVR to the corresponding WRs.
The DCPs can be used as three-terminal potentiometers or
as two-terminal variable resistors in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Two potentiometers in one package
• 128 resistor taps
•I2C serial interface
- Three address pins, up to eight devices/bus
• Non-volatile storage of wiper position
• Wiper resistance: 70
 typical @ VCC = 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
•50k
or 10k total resistance
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T < +55°C
• 14 Ld TSSOP or 16 Ld QFN package
• Pb-free (RoHS compliant)
Pinouts
ISL22326
(14 LD TSSOP)
TOP VIEW
ISL22326
(16 LD QFN)
TOP VIEW
A2
1
2
3
4
5
6
7
SDA
SCL
8
9
10
14
13
12
11
SHDN
RW0
RL0
RH0
A1
VCC
RW1
RL1
RH1
A0
GND
NC
NC
RW1
RH1
RL0
RL1
RH0
RW0
1
3
4
15
16
14
13
2
12
10
9
11
6
57
8
Data Sheet
September 9, 2015


유사한 부품 번호 - ISL22326UFR16Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL22326UFR16Z RENESAS-ISL22326UFR16Z Datasheet
972Kb / 17P
   Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

유사한 설명 - ISL22326UFR16Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22326WM RENESAS-ISL22326WM Datasheet
205Kb / 3P
   Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps
November 11, 2011
ISL22346WM RENESAS-ISL22346WM Datasheet
206Kb / 3P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com