전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22424TFV14Z 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL22424TFV14Z
상세설명  Low Noise, Low Power, SPI® Bus, 256 Taps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22424TFV14Z 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL22424TFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 9Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 10Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN6425.1
September 9, 2015
IV-SB
V- Current (standby)
V- = -5.5V, VCC = +5.5V @ +85°C, SPI interface
in standby state
-3.0
-0.7
µA
V- = -5.5V, VCC = +5.5V @ +125°C, SPI
interface in standby state
-5.0
-1.5
µA
V- = -2.25V, VCC = +2.25V @ +85°C, SPI
interface in standby state
-2.0
-0.3
µA
V- = -2.25V, VCC = +2.25V @ +125°C, SPI
interface in standby state
-3.0
-0.4
µA
ISD
VCC Current (shutdown)
VCC = +5.5V, V- = -5.5V @ +85°C, SPI interface
in standby state
0.5
2.0
µA
VCC = +5.5V, V- = -5.5V @ +125°C, SPI
interface in standby state
1.0
4.0
µA
VCC = +2.25V, V- = -2.25V @ +85°C, SPI
interface in standby state
0.2
1.0
µA
VCC = +2.25V, V- = -2.25V @ +125°C, SPI
interface in standby state
0.5
2.0
µA
IV-SD
V- Current (shutdown)
V- = -5.5V, VCC = +5.5V @ +85°C, SPI interface
in standby state
-3.0
-0.7
µA
V- = -5.5V, VCC = +5.5V @ +125°C, SPI
interface in standby state
-5.0
-1.5
µA
V- = -2.25V, VCC = +2.25V @ +85°C, SPI
interface in standby state
-2.0
-0.3
µA
V- = -2.25V, VCC = +2.25V @ +125°C, SPI
interface in standby state
-3.0
-0.4
µA
ILkgDig
Leakage current, at pins SCK,
SDI, SDO and CS
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 20)
DCP wiper response time
CS rising edge to wiper new position
1.5
µs
tShdnRec
(Note 20)
DCP recall time from shutdown
mode
CS rising edge to wiper stored position and RH
connection
1.5
µs
Vpor
Power-on recall voltage
Minimum Vcc at which memory recall occurs
1.9
2.1
V
VccRamp
VCC ramp rate
0.2
V/ms
tD
Power-up delay
VCC above Vpor, to DCP Initial Value Register
recall completed, and SPI Interface in standby
state
5ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T
+55ºC
50
Years
tWC
(Note 18)
Non-volatile Write Cycle time
12
20
ms
SERIAL INTERFACE SPECIFICATIONS
VIL
SCK, SDI, and CS input buffer
LOW voltage
0.3 * VCC
V
VIH
SCK, SDI, and CS input buffer
HIGH voltage
0.7 * VCC
V
Hysteresis
SCK, SDI, and CS input buffer
hysteresis
0.05 * VCC
V
VOL
SDO output buffer LOW voltage
IOL = 4mA for Open Drain output, pull-up
voltage Vpu = Vcc
00.4
V
Rpu
(Note 19)
SDO pull-up resistor off-chip
Maximum is determined by tRO and tFO with
maximum bus load Cb = 30pF, fSCK = 5MHz
2k
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 4)
MAX
UNIT
ISL22424


유사한 부품 번호 - ISL22424TFV14Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22424TFV14Z RENESAS-ISL22424TFV14Z Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
More results

유사한 설명 - ISL22424TFV14Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22444 RENESAS-ISL22444 Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22414 RENESAS-ISL22414 Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com