전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL23315UFRUZ-TK 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL23315UFRUZ-TK
상세설명  Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315UFRUZ-TK 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL23315UFRUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 9Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 10Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 11Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 12Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 13Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL23315
10
FN7778.2
August 12, 2015
Typical Performance Curves
FIGURE 3. 10k DNL vs TAP POSITION, VCC = 5V
FIGURE 4. 50k DNL vs TAP POSITION, VCC = 5V
FIGURE 5. 10k INL vs TAP POSITION, VCC = 5V
FIGURE 6. 50k INL vs TAP POSITION, VCC = 5V
FIGURE 7. 10k RDNL vs TAP POSITION, VCC = 5V
FIGURE 8. 50k RDNL vs TAP POSITION, VCC = 5V
-0.4
-0.2
0
0.2
0.4
0
50
100
150
200
250
TAP POSITION (DECIMAL)
-0.30
-0.15
0
0.15
0.30
0
50
100
150
200
250
TAP POSITION (DECIMAL)
-0.4
-0.2
0
0.2
0.4
0
50
100
150
200
250
TAP POSITION (DECIMAL)
-0.30
-0.15
0
0.15
0.30
0
50
100
150
200
250
TAP POSITION (DECIMAL)
-0.4
-0.2
0
0.2
0.4
0
50
100
150
200
250
TAP POSITION (DECIMAL)
-0.30
-0.15
0
0.15
0.30
0
50
100
150
200
250
TAP POSITION (DECIMAL)


유사한 부품 번호 - ISL23315UFRUZ-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL23315UFRUZ-TK INTERSIL-ISL23315UFRUZ-TK Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23315UFRUZ-TK INTERSIL-ISL23315UFRUZ-TK Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23315UFRUZ-TK RENESAS-ISL23315UFRUZ-TK Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

유사한 설명 - ISL23315UFRUZ-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com