전자부품 데이터시트 검색엔진 |
|
BU208A 데이터시트(PDF) 2 Page - Unisonic Technologies |
|
BU208A 데이터시트(HTML) 2 Page - Unisonic Technologies |
2 / 2 page UTC BU208A SILICON DIFFUSED POWER TRANSISTOR UTC UNISONIC TECHNOLOGIES CO. LTD 2 QW-R205-005,A ELECTRICAL CHARACTERISTICS PARAMETER SYMBOL TEST CONDITIONS MIN MAX UNIT Collector-emitter cut-off current ICE VBE=0V, VCE=VCESMmax 1.0 mA Collector-emitter cut-off current ICES VBE=0V, VCE=VCESMmax, TJ=125 °C 2.0 mA Collector-emitter saturation voltage VCEO(SUS) IB=0A, Ic=100mA, L=25mH 700 V Collector-emitter saturation voltage VCEsat Ic=4.5A, IB=2.0A 1.0 V Base-emitter saturation voltage VBEsat Ic=4.5A, IB=2.0A 1.5 V DC current gain Hfe Ic=1A, VCE=5V 8 Transition frequency at f=1MHz ft Ic=0.1A, VCE=10V 3 MHz Switching times (16KHz line deflection circuit) tS 8.0 µs Turn-off storage time Turn-off fall time tf Ic=4.5A, IB1=-1/2 IB2=1.8A, Vcc=100V 1.0 µs UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. |
유사한 부품 번호 - BU208A_15 |
|
유사한 설명 - BU208A_15 |