전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59960IRZ-T7A 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL59960IRZ-T7A
상세설명  960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59960IRZ-T7A 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL59960IRZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ISL59960
8
FN8358.0
December 18, 2012
Typical Performance Over 2500 Feet of Bare Copper RG-59 with 960H
(WD1) Video
FIGURE 5. MULTIBURST WAVEFORM AFTER 2500 FEET OF
UNCOMPENSATED RG-59 COAX
FIGURE 6. MULTIBURST WAVEFORM AFTER 2500 FEET OF RG-59
COAX WITH ISL59960
Typical Performance Over 5000 Feet of Bare Copper RG-59 with 960H
(WD1) Video
FIGURE 7. MULTIBURST WAVEFORM AFTER 5000 FEET OF
UNCOMPENSATED RG-59 COAX
FIGURE 8. MULTIBURST WAVEFORM AFTER 5000 FEET OF RG-59
COAX WITH ISL59960
200mV/DIV
10µs/DIV
500kHz
2MHz
3.58MHz
1MHz
3MHz
9MHz
200mV/DIV
10µs/DIV
500kHz
2MHz
3.58MHz
1MHz
3MHz
9MHz
200mV/DIV
10µs/DIV
500kHz
2MHz
3.58MHz
1MHz
3MHz
9MHz
200mV/DIV
10µs/DIV
500kHz
2MHz
3.58MHz
1MHz
3MHz
9MHz


유사한 부품 번호 - ISL59960IRZ-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59960IRZ-T7A INTERSIL-ISL59960IRZ-T7A Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960IRZ-T7A RENESAS-ISL59960IRZ-T7A Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
More results

유사한 설명 - ISL59960IRZ-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
logo
Pericom Semiconductor C...
PI7VD9008ABH PERICOM-PI7VD9008ABH Datasheet
1Mb / 73P
   Adaptive EQ 8-channel 960H Video Decoder
PI7VD9004ABH PERICOM-PI7VD9004ABH Datasheet
1Mb / 53P
   Adaptive EQ 4-channel 960H Video Decoder
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com