전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4930 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM4930
상세설명  LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM4930 데이터시트(HTML) 5 Page - Texas Instruments

  LM4930_15 Datasheet HTML 1Page - Texas Instruments LM4930_15 Datasheet HTML 2Page - Texas Instruments LM4930_15 Datasheet HTML 3Page - Texas Instruments LM4930_15 Datasheet HTML 4Page - Texas Instruments LM4930_15 Datasheet HTML 5Page - Texas Instruments LM4930_15 Datasheet HTML 6Page - Texas Instruments LM4930_15 Datasheet HTML 7Page - Texas Instruments LM4930_15 Datasheet HTML 8Page - Texas Instruments LM4930_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LM4930
www.ti.com
SNAS212C – JULY 2003 – REVISED MAY 2013
Table 2. VOICE/TEST CONFIG Registers(1)
VOICETESTCONFIG (XX10001).
(Set = logic 1, Clear = logic 0)
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Address
Register
Description
0
CLASS
If set, configures the chip for use with an external class D or linear amplifier and turns the BTL
speaker output into a buffer.(2)
4:1
SIDESTONE_ATTEN
Programs the attenuation of the digital sidetone. Attenuation is set as follows:
4:1
Sidetone
4:1
Sidetone Attenuation
Attenuation
0000
Mute
1000
-9dB
0001
-30dB
1001
-6dB
0010
-27dB
1010
-3dB
0011
-24dB
1011
0dB
0100
-21dB
1100
Mute
0101
-18dB
1101
Mute
0110
-15dB
1110
Mute
0111
-12dB
1111
Mute
5
AUTOSIDE
This feature is included for use with the mono speaker in hands-free applications where sidetones
may not be desirable. If set, the sidetone is always muted in modes when voice is played on the
mono speaker (0010, 0100, 1001, and 1010), otherwise the sidetone is present at whatever level is
set in the attenuation conrol register
6
CLOCK_DIV
If set, allows for the use of a 24.576MHz crystal. Default setting is for 12.288MHz crystal.(2)
7
ZXD_DISABLE
Disables the zero crossing detect in the stereo DAC to ensure immediate mode changes rather than
waiting for a zero cross.(3)
8:9
RSVD
RESERVED(4)
10:11
CAP_SIZE
Set to accomodate different bypass capacitor values to give correct turn-off delay and click/pop
performance. Value is set as follows:(2)
10:11
Delay
Bypass Capacitor Size
00
25ms
0.1µF
01
50ms
0.39µF
10
85ms
1µF
11
RESERVED
RESERVED
12
ZXDS_SLOW
If set, this forces the stereo DAC outputs to wait for a zero crossing before powering down
13
MUTE_LS
If set, mutes the loudspeaker amplifier in any mode where it is not already muted
14
MUTE_HP
If set, mutes the headphone amplifier in any mode where it is not already muted
15
MUTE_MIC
If set, mutes the microphone preamp
(1)
This register configures the voiceband codec, sidetone attenuation, and selected control functions. The 7 bit address for the VOICE
TESTCONFIG register is XX10001.
(X = 0 if ADDR is set to logic 0)
(X = 1 if ADDR is set to logic 1)
(2)
It is recommended to alter this bit only while the part is in Powerdown Mode.
(3)
To ensure a successful transistion into Powerdown Mode, ZXD_DISABLE must be set whenever there is no audio input signal present.
(4)
Reserved bits should be set to zero when programming the associated register.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4930


유사한 부품 번호 - LM4930_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results

유사한 설명 - LM4930_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com