전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4991 데이터시트(PDF) 7 Page - Texas Instruments

부품명 LM4991
상세설명  3W Audio Power Amplifier with Shutdown Mode
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM4991 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM4991_15 Datasheet HTML 3Page - Texas Instruments LM4991_15 Datasheet HTML 4Page - Texas Instruments LM4991_15 Datasheet HTML 5Page - Texas Instruments LM4991_15 Datasheet HTML 6Page - Texas Instruments LM4991_15 Datasheet HTML 7Page - Texas Instruments LM4991_15 Datasheet HTML 8Page - Texas Instruments LM4991_15 Datasheet HTML 9Page - Texas Instruments LM4991_15 Datasheet HTML 10Page - Texas Instruments LM4991_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
20
100
1k
10k 20k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
100
1k
10k 20k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10m
100m
1
OUTPUT POWER (W)
0.01
0.1
1
10
10m
100m
500m
OUTPUT POWER (W)
0.01
0.1
1
10
10m
100m
1
OUTPUT POWER (W)
0.01
0.1
1
10
10m
100m
1
OUTPUT POWER (W)
0.01
0.1
1
10
LM4991
www.ti.com
SNAS217A – MAY 2004 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
THD+N vs Output Power
THD+N vs Output Power
VDD = 3V, RL = 4Ω, and f = 1kHz
VDD = 3V, RL = 8Ω, and f = 1kHz
Figure 12.
Figure 13.
THD+N vs Output Power
THD+N vs Output Power
VDD = 2.6V, RL = 4Ω, and f = 1kHz
VDD = 2.6V, RL = 8Ω, and f = 1kHz
Figure 14.
Figure 15.
Power Supply Rejection Ratio (PSRR) vs Frequency
Power Supply Rejection Ratio (PSRR) vs Frequency
VDD = 5V, RL = 8Ω, input 10Ω terminated
VDD = 5V, RL = 8Ω, input floating
Figure 16.
Figure 17.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4991


유사한 부품 번호 - LM4991_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4991LD NSC-LM4991LD Datasheet
543Kb / 15P
   3W Audio Power Amplifier with Shutdown Mode
LM4991MA NSC-LM4991MA Datasheet
543Kb / 15P
   3W Audio Power Amplifier with Shutdown Mode
More results

유사한 설명 - LM4991_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
   3W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
   3W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4871MM TI1-LM4871MM Datasheet
1Mb / 23P
[Old version datasheet]   3W Audio Power Amplifier with Shutdown Mode
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
   3W mono audio power amplifier with shutdown mode
logo
SHOUDING Shouding Semic...
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
   3W Mono with Shutdown Mode Audio Power Amplifier
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
   3W Mono with Shutdown Mode Audio Power Amplifier
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com