전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA6K 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 UA6K
상세설명  GENERAL PURPOSE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA6K 데이터시트(HTML) 2 Page - Unisonic Technologies

  UA6K_15 Datasheet HTML 1Page - Unisonic Technologies UA6K_15 Datasheet HTML 2Page - Unisonic Technologies UA6K_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UA6K
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R218-007.A
ABSOLUTE MAXIMUM RATINGS (TA=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Collector Power dissipation
PC
200
mW
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-55~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-base breakdown voltage
BVCBO
IC =-50μA
-50
V
Collector-emitter breakdown voltage
BVCEO
IC =-1mA
-50
V
Emitter-base breakdown voltage
BVEBO
IE =-50μA
-5
V
Collector cutoff current
ICBO
VCB=-50V
-0.5
μA
Emitter cutoff current
IEBO
VEB=-4V
-0.5
μA
Collector-emitter saturation voltage
VCE(SAT)
IC =-5mA, IB = -0.5mA
-0.3
V
DC current transfer ratio
hFE
VCE=-5V, IC = -1mA
100
250
600
Transition frequency
fT
VCE=-10V, IE=5mA,
f=100MHz (Note)
250
MHz
Input resistance
R1
32.9
47
61.1
kΩ
Note: Transition frequency of the device


유사한 부품 번호 - UA6K_15

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UA6K-AL6-R UTC-UA6K-AL6-R Datasheet
156Kb / 3P
   GENERAL PURPOSE DUAL DIGITAL TRANSISTOR)
UA6KL-AL6-R UTC-UA6KL-AL6-R Datasheet
156Kb / 3P
   GENERAL PURPOSE DUAL DIGITAL TRANSISTOR)
More results

유사한 설명 - UA6K_15

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
PREMO CORPORATION S.L
FB-1X PREMO-FB-1X Datasheet
122Kb / 1P
   General Purpose
FE-1X PREMO-FE-1X Datasheet
127Kb / 1P
   General Purpose
FR-FRR PREMO-FR-FRR Datasheet
153Kb / 1P
   General Purpose
FEH-1X PREMO-FEH-1X Datasheet
147Kb / 1P
   General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
   General purpose
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
   General Purpose
logo
Skynet Electronic Copyr...
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
   General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
   General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
   General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
   General Purpose
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com