전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA152 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TPA152
상세설명  75-mW STEREO AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA152 데이터시트(HTML) 3 Page - Texas Instruments

  TPA152_15 Datasheet HTML 1Page - Texas Instruments TPA152_15 Datasheet HTML 2Page - Texas Instruments TPA152_15 Datasheet HTML 3Page - Texas Instruments TPA152_15 Datasheet HTML 4Page - Texas Instruments TPA152_15 Datasheet HTML 5Page - Texas Instruments TPA152_15 Datasheet HTML 6Page - Texas Instruments TPA152_15 Datasheet HTML 7Page - Texas Instruments TPA152_15 Datasheet HTML 8Page - Texas Instruments TPA152_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TPA152
75-mW STEREO AUDIO POWER AMPLIFIER
SLOS210A – JUNE 1998 – REVISED MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage , VI
–0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
internally limited (See Dissipation Rating Table)
. . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
–40
°C to 150° C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
–40
°C to 125° C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
D
724 mW
5.8 mW/
°C
464 mW
376 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
4.5
5.5
V
Operating free-air temperature, TA
–40
85
°C
dc electrical characteristics at TA = 25°C, VDD = 5 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage
10
mV
Supply ripple rejection ratio
VDD = 4.9 V to 5.1 V
81
dB
IDD
Supply current
See Figure 13
5.5
14
mA
IDD(MUTE) Supply current in MUTE
5.5
14
mA
ZI
Input impedance
>1
M
ac operating characteristics VDD = 5 V, TA = 25°C, RL = 32 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.03%,
Gain = 1,
See Figure 1
75†
mW
THD+N
Total harmonic distortion plus noise
PO = 75 mW,
20 Hz–20 kHz, Gain = 1,
See Figure 2
0.2%
BOM
Maximum output power bandwidth
AV = 5,
THD <0.6%,
See Figure 2
>20
kHz
Phase margin
Open loop,
See Figure 16
80
°
Supply ripple rejection ratio
1 kHz,
CB = 1 µF,
See Figure 12
65
dB
Mute attenuation
See Figure 15
110
dB
Ch/Ch output separation
See Figure 13
102
dB
Signal-to-Noise ratio
VO = 1 V(rms),
Gain = 1
See Figure 11
104
dB
Vn
Noise output voltage
See Figure 10
6
µV(rms)
† Measured at 1 kHz.
NOTES:
1. The dc output voltage is approximately VDD/2.
2. Output power is measured at the output pins of the IC at 1 kHz.


유사한 부품 번호 - TPA152_15

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TPA1524D TOPPOWER-TPA1524D Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1524D TOPPOWER-TPA1524D Datasheet
643Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1524D TOPPOWER-TPA1524D Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1524D-W25 TOPPOWER-TPA1524D-W25 Datasheet
715Kb / 3P
   0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
logo
Texas Instruments
TPA152D TI-TPA152D Datasheet
270Kb / 16P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA152_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA152 TI-TPA152_06 Datasheet
299Kb / 17P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152 Datasheet
270Kb / 16P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302_07 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302 Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com