전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL3159EIRZ 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL3159EIRZ
상세설명  ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3159EIRZ 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL3159EIRZ Datasheet HTML 2Page - Intersil Corporation ISL3159EIRZ Datasheet HTML 3Page - Intersil Corporation ISL3159EIRZ Datasheet HTML 4Page - Intersil Corporation ISL3159EIRZ Datasheet HTML 5Page - Intersil Corporation ISL3159EIRZ Datasheet HTML 6Page - Intersil Corporation ISL3159EIRZ Datasheet HTML 7Page - Intersil Corporation ISL3159EIRZ Datasheet HTML 8Page - Intersil Corporation ISL3159EIRZ Datasheet HTML 9Page - Intersil Corporation ISL3159EIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ISL3159E
6
FN6364.2
August 25, 2015
Submit Document Feedback
Receiver Enable to Output High
tZH
RL = 1kΩ, CL = 15pF, SW = GND
(Figure 8, Note 12)
Full
-
-
12
ns
Receiver Enable to Output Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC
(Figure 8, Note 12)
Full
-
-
12
ns
Receiver Disable from Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8)Full
-
-
12
ns
Receiver Disable from Output Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8)Full
-
-
12
ns
Time to Shutdown
tSHDN
(Note 13)
Full
60
-
600
ns
Receiver Enable from Shutdown to
Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND
(Figure 8, Notes 13, 15)
Full
-
-
1000
ns
Receiver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC
(Figure 8, Notes 13, 15)
Full
-
-
1000
ns
NOTES:
8. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise
specified.
9. Supply current specification is valid for loaded drivers when DE = 0V.
10. Applies to peak current. See “Typical Performance Curves” on page 8 for more information.
11. Because of the shutdown feature, keep RE = 0 to prevent the device from entering SHDN.
12. Because of the shutdown feature, the RE signal high time must be short enough (typically <100ns) to prevent the device from entering SHDN.
13. These IC’s are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 60ns, the parts are guaranteed not to
enter shutdown. If the inputs are in this state for at least 700ns, the parts are guaranteed to have entered shutdown. See “Low Power Shutdown
Mode” on page 12.
14. Keep RE = VCC, and set the DE signal low time >700ns to ensure that the device enters SHDN.
15. Set the RE signal high time >700ns to ensure that the device enters SHDN.
16. This is the part-to-part skew between any two units tested with identical test conditions (temperature, VCC, etc.).
17. VCC = 5V ±5%
18. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
Test Circuits and Waveforms
FIGURE 3A. VOD AND VOC
FIGURE 3B. VOD WITH COMMON-MODE LOAD
FIGURE 3. DC DRIVER TEST CIRCUITS
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; unless otherwise specified. Typicals are at VCC = 5V, TA = +25°C,
(Note 8) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 18)TYP
MAX
(Note 18)UNIT
D
DE
DI
VCC
VOD
VOC
RL/2
RL/2
Z
Y
D
DE
DI
VCC
VOD
375Ω
375Ω
Z
Y
RL = 60Ω
VCM
-7V TO +12V


유사한 부품 번호 - ISL3159EIRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3159EIRZ INTERSIL-ISL3159EIRZ Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3159EIRZ RENESAS-ISL3159EIRZ Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
More results

유사한 설명 - ISL3159EIRZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com