전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL3179EIBZ 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL3179EIBZ
상세설명  High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179EIBZ 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL3179EIBZ Datasheet HTML 7Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 8Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 9Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 10Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 11Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 12Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 13Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 14Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL3179E, ISL3180E
11
FN6365.5
August 25, 2015
Submit Document Feedback
Die Characteristics
SUBSTRATE AND DFN THERMAL PAD POTENTIAL
(POWERED UP):
GND
PROCESS:
Si Gate BiCMOS
FIGURE 18. DRIVER AND RECEIVER WAVEFORMS DRIVING 100’
(31m) OF CAT5 CABLE (DOUBLE TERMINATED WITH
120Ω)
FIGURE 19. DRIVER AND RECEIVER WAVEFORMS DRIVING 500’
(152m) OF CAT5 CABLE (DOUBLE TERMINATED WITH
120Ω)
FIGURE 20. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT VOLTAGE
Typical Performance Curves V
CC = 3.3V, TA = +25°C; Unless Otherwise Specified (Continued)
TIME (10ns/DIV)
-3.0
1.5
3.0
-1.5
0
0
5.0
0
5
DI = 40Mbps
RO
DRIVER+CABLE DELAY
(~160ns)
A - B
TIME (200ns/DIV)
-3.0
1.5
3.0
-1.5
0
A - B
0
5.0
0
5
RO
DRIVER+CABLE DELAY
(~720ns)
DI = 2Mbps
0
10
20
30
40
50
0
0.5
1.0
1.5
2.0
2.5
3.0
RECEIVER OUTPUT VOLTAGE (V)
VOH +25°C
VOH +85°C
VOL +25°C
VOL +85°C
VOH +125°C
VOL +125°C
3.3
60


유사한 부품 번호 - ISL3179EIBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3179EIBZ INTERSIL-ISL3179EIBZ Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179EIBZ RENESAS-ISL3179EIBZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

유사한 설명 - ISL3179EIBZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com