전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL4238EIR-T 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL4238EIR-T
상세설명  QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4238EIR-T 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL4238EIR-T Datasheet HTML 1Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 2Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 3Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 4Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 5Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 6Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 7Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 8Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN8038.5
ISL4238E, ISL4244E, ISL4245E
QFN Packaged, ±15kV ESD Protected,
+2.7V to +5.5V, 10Nanoamp, 250kbps/
1Mbps, RS-232 Transceivers with
Enhanced Automatic Power-down
The Intersil ISL4238E, ISL4244E and ISL4245E devices are
2.7V to 5.5V powered RS-232 transmitters/receivers which
meet ElA/TIA-232 and V.28/V.24 specifications, even at
VCC = 3.0V. Additionally, they provide ±15kV ESD protection
(IEC61000-4-2 Air Gap and Human Body Model) on
transmitter outputs and receiver inputs (RS-232 pins).
Targeted applications are PDAs, Palmtops, and notebook
and laptop computers where the low operational, and even
lower standby power consumption is critical. Efficient on-chip
charge pumps, coupled with manual and enhanced
automatic power-down functions, reduce the standby supply
current to a 10nA trickle. Tiny 5mmx5mm Quad Flat No-Lead
(QFN) packaging and the use of small, low value capacitors
ensure board space savings as well. Data rates greater than
250kbps (ISL4238E/ISL4244E)/1Mbps (ISL4245E) are
guaranteed at worst case load conditions.
The ISL424xE are 3 driver, 5 receiver (DTE) devices that,
coupled with the QFN package, provide the industry’s
smallest, lowest power complete serial port suitable for
PDAs, and laptop or notebook computers. The 32 Ld 5x5
QFN requires 60% less board area than a 28 lead TSSOP,
and is nearly 20% thinner. The devices also include a
noninverting always-active receiver for “wake-up” capability.
The ISL4238E is a 5 driver, 3 receiver device optimized for
DCE applications with full hardware handshaking. It also
includes a noninverting always-active receiver for RING
INDICATOR monitoring. Transmitter and logic inputs include
active feedback resistors that retain the input state once
driven to a valid logic level.
These devices feature an enhanced automatic power-down
function which powers down the on-chip power-supply and
driver circuits. This occurs when all receiver and transmitter
inputs detect no signal transitions for a period of 30s. These
devices power back-up, automatically, whenever they sense
a transition on any transmitter or receiver input.
Table 1 summarizes the features of the ISL4238E,
ISL4244E, ISL4245, while Application Note AN9863
summarizes the features of each device comprising the 3V
RS-232 family.
Features
• Parameters Fully Specified for 10% Tolerance Supplies
and Full Industrial Temp Range
• Available in Small QFN (5mm x 5mm) Package which is
60% Smaller than a 28 Lead TSSOP
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• DTE (ISL4244E/45E) and DCE (ISL4238E) Versions
• Lowest Supply Current in Power-down . . . . . . . . . . .10nA
• Active Feedback Resistors on TX and Logic Inputs
(ISL4238E)
• Flow Through Pinouts
• Manual and Enhanced Automatic Power-down Features
• Guaranteed Minimum Data Rate
250kbps (ISL4238E/ISL4244E) / 1Mbps (ISL4245E)
• Latch-Up Free
• On-Chip Charge Pumps Require Only Four External
0.1µF Capacitors
• Wide Power Supply Range . . . . . . Single +2.7V to +5.5V
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• RS-232 Compatible with VCC = 2.7V
• Pb-Free Available (RoHS Compliant)
Applications
• Any Space Constrained System Requiring RS-232 Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks
- PDAs and Palmtops, Data Cables
- Cellular/Mobile Phones, Digital Cameras, GPS
Receivers
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices”
• Technical Brief TB379 “Thermal Characterization of
Packages for ICs”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”
Data Sheet
May 13, 2010
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004, 2008, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL4238EIR-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL4238EIR-T INTERSIL-ISL4238EIR-T Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Renesas Technology Corp
ISL4238EIR-T RENESAS-ISL4238EIR-T Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results

유사한 설명 - ISL4238EIR-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com