전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL33001IRTZ 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL33001IRTZ
상세설명  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33001IRTZ 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL33001IRTZ Datasheet HTML 1Page - Intersil Corporation ISL33001IRTZ Datasheet HTML 2Page - Intersil Corporation ISL33001IRTZ Datasheet HTML 3Page - Intersil Corporation ISL33001IRTZ Datasheet HTML 4Page - Intersil Corporation ISL33001IRTZ Datasheet HTML 5Page - Intersil Corporation ISL33001IRTZ Datasheet HTML 6Page - Intersil Corporation ISL33001IRTZ Datasheet HTML 7Page - Intersil Corporation ISL33001IRTZ Datasheet HTML 8Page - Intersil Corporation ISL33001IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL33001, ISL33002, ISL33003
4
FN7560.6
July 11, 2014
Submit Document Feedback
Absolute Maximum Ratings
(All voltages referenced to GND)
Thermal Information
VCC1, VCC2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7V
SDA_IN, SCL_IN, SDA_OUT, SCL_OUT, READY. . . . . . . . . . . . . -0.3V to +7V
EN, ACC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +(VCC1 + 0.3)V
Maximum Sink Current (SDA and SCL Pins) . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Sink Current (READY pin) . . . . . . . . . . . . . . . . . . . . . . . . . . . 7mA
Latch-Up Tested per JESD78, Level 2, Class A . . . . . . . . . . . . . . . . . . 85°C
ESD Ratings. . . . . . . . . . . . . . . . . . . . . . See “ESD PROTECTION” on page 5
Operating Conditions
Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
VCC1 and VCC2 Supply Voltage Range . . . . . . . . . . . . . . . . . +2.3V to +5.5V
Thermal Resistance
JA (°C/W)
JC (°C/W)
8 Ld TDFN Package (Notes 5, 6). . . . . . . . . .
47
4
(0.50mm Pitch)
8 Ld TDFN Package (Notes 5, 6). . . . . . . . . .
48
6
(0.65mm Pitch)
8 Ld MSOP Package (Notes 4, 7) . . . . . . . . .
151
50
8 Ld SOIC Package (Notes 4, 7) . . . . . . . . . .
120
56
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. For
JC, the “case temp” location is taken at the package top center.
Electrical Specifications VEN = VCC1, VCC1 = +2.3V to +5.5V, VCC2 = +2.3V to +5.5V, unless otherwise noted (Note 8). Boldface limits apply
over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
TEMP
(°C)
MIN
(Note 9)TYP
MAX
(Note 9)UNITS
POWER SUPPLIES
VCC1 Supply Range
VCC1
Full
2.3
-
5.5
V
VCC2 Supply Range
VCC2
ISL33002 and ISL33003
Full
2.3
-
5.5
V
Supply Current from VCC1
ICC1
VCC1 = 5.5V; ISL33001 only (Note 11)
Full
-
2.1
4.0
mA
VCC1 = VCC2 = 5.5V; ISL33002 and ISL33003
(Note 11)
Full
-
2.0
3.0
mA
Supply Current from VCC2
ICC2
VCC2 = VCC1 = 5.5V; ISL33002 and ISL33003
(Note 11)
Full
-
0.22
0.6
mA
VCC1 Shut-down Supply
Current
ISHDN1
VCC1 = 5.5V, VEN = GND; ISL33001 only
Full
-
0.5
-
µA
VCC1 = VCC2 = 5.5V, VEN = GND; ISL33003 only
(Note 13)
Full
-
0.05
-
µA
VCC2 Shut-down Supply
Current
ISHDN2
VCC1 = VCC2 = 5.5V, VEN = GND, ISL33003 only
(Note 13)
Full
-
0.06
-
µA
START-UP CIRCUITRY
Precharge Circuitry
Voltage
VPRE
SDA and SCL pins floating
Full
0.8
1
1.2
V
Enable High Threshold
Voltage
VEN_H
+25
-
0.5*VCC
0.7*VCC
V
Enable Low Threshold
Voltage
VEN_L
+25
0.3*VCC
0.5*VCC
-V
Enable Pin Input Current
IEN
Enable from 0V to VCC1; ISL33001 and
ISL33003
Full
-1
0.1
1
µA
Enable Delay, On-Off
tEN-HL
ISL33001 and ISL33003 (Note 10)
+25
-
10
-
ns
Enable Delay, Off-On
tEN-LH
ISL33001 and ISL33003 (Figure 3)
+25
-
86
-
µs
Bus Idle Time
tIDLE
(Figure 4, Note 12)Full
50
83
150
µs
Ready Pin OFF State
Leakage Current
IOFF
ISL33001 only
+25
-1
0.1
1
µA
Ready Delay, On-Off
tREADY-HL
ISL33001 only (Note 10)
+25
-
10
-
ns


유사한 부품 번호 - ISL33001IRTZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Renesas Technology Corp
ISL33001IRTZ RENESAS-ISL33001IRTZ Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
More results

유사한 설명 - ISL33001IRTZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com