전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL41387IRZ 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL41387IRZ
상세설명  ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41387IRZ 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL41387IRZ Datasheet HTML 1Page - Intersil Corporation ISL41387IRZ Datasheet HTML 2Page - Intersil Corporation ISL41387IRZ Datasheet HTML 3Page - Intersil Corporation ISL41387IRZ Datasheet HTML 4Page - Intersil Corporation ISL41387IRZ Datasheet HTML 5Page - Intersil Corporation ISL41387IRZ Datasheet HTML 6Page - Intersil Corporation ISL41387IRZ Datasheet HTML 7Page - Intersil Corporation ISL41387IRZ Datasheet HTML 8Page - Intersil Corporation ISL41387IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ISL81387, ISL41387
3
FN6201.4
June 9, 2014
Submit Document Feedback
TABLE 2. ISL81387 FUNCTION TABLE
INPUTS
RECEIVER OUTPUTS
DRIVER OUTPUTS
DRIVER
SPEED
(Mbps)
CHARGE
PUMPS
(Note 3)
LOOPBACK
(Note 4)MODE
485/232
ON
RXEN
DEN
SLEW
RA
RB
YZ
0
1
0
0
N.A.
High-Z
High-Z
High-Z
High-Z
-
ON
OFF
RS-232
0
1
0
1
N.A.
High-Z
High-Z
ON
ON
0.46
ON
OFF
RS-232
0
1
1
0
N.A.
ON
ON
High-Z
High-Z
-
ON
OFF
RS-232
0
1
1
1
N.A.
ON
ON
ON
ON
0.46
ON
OFF
RS-232
0
0
0
1
N.A.
High-Z
High-Z
ON
High-Z
0.46
ON
OFF
RS-232
0
0
1
0
N.A.
High-Z
ON
ON
High-Z
0.46
ON
OFF
RS-232
0
0
1
1
N.A.
ON
ON
ON
ON
0.46
ON
ON
RS-232
X
0
0
0
X
High-Z
High-Z
High-Z
High-Z
-
OFF
OFF
Shutdown
1
1
0
0
X
High-Z
High-Z
High-Z
High-Z
-
OFF
OFF
RS-485
1
X
0
1
1/0
High-Z
High-Z
ON
ON
20/0.46
OFF
OFF
RS-485
1
X
1
0
X
ON
High-Z
High-Z
High-Z
-
OFF
OFF
RS-485
1
1
1
1
1/0
ON
High-Z
ON
ON
20/0.46
OFF
OFF
RS-485
1
0
1
1
1/0
ON
High-Z
ON
ON
20/0.46
OFF
ON
RS-485
NOTES:
3. Charge pumps are on if in RS-232 mode and ON or DEN or RXEN are high.
4. Loopback is enabled when ON = 0, and DEN = RXEN = 1.
ISL81387 Truth Tables
RS-232 TRANSMITTING MODE
INPUTS (ON = 1)
OUTPUTS
485/232
DEN
DY
DZ
YZ
0
100
11
0
101
10
0
110
01
0
111
00
0
0
X
X
High-Z
High-Z
RS-232 RECEIVING MODE
INPUTS (ON = 1)
OUTPUT
485/232
RXEN
A
B
RA
RB
0
100
11
0
101
10
0
110
01
0
111
00
0
1
Open
Open
1
1
0
0
X
X
High-Z
High-Z
RS-485 TRANSMITTING MODE
INPUTS (ON = 1)
OUTPUTS
485/232
DEN
DY
SLEW
Y
Z
DATA RATE
(Mbps)
11
0
1
1
0
20
11
1
1
0
1
20
1
1
0
0
1
0
0.46
1
1
1
0
0
1
0.46
1
0
X
X
High-Z High-Z
-
RS-485 RECEIVING MODE
INPUTS (ON = 1)
OUTPUT
485/232
RXEN
B-A
RA
RB
11
 -40mV
1
High-Z
11
 -200mV
0
High-Z
1
1
Open or Shorted together
1
High-Z
1
0
X
High-Z
High-Z


유사한 부품 번호 - ISL41387IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL41387IRZ INTERSIL-ISL41387IRZ Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL41387IRZ RENESAS-ISL41387IRZ Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL41387IRZ-T INTERSIL-ISL41387IRZ-T Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results

유사한 설명 - ISL41387IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com