전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL267450IBZ 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL267450IBZ
상세설명  12-Bit, 1MSPS SAR ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267450IBZ 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL267450IBZ Datasheet HTML 2Page - Intersil Corporation ISL267450IBZ Datasheet HTML 3Page - Intersil Corporation ISL267450IBZ Datasheet HTML 4Page - Intersil Corporation ISL267450IBZ Datasheet HTML 5Page - Intersil Corporation ISL267450IBZ Datasheet HTML 6Page - Intersil Corporation ISL267450IBZ Datasheet HTML 7Page - Intersil Corporation ISL267450IBZ Datasheet HTML 8Page - Intersil Corporation ISL267450IBZ Datasheet HTML 9Page - Intersil Corporation ISL267450IBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ISL267450
6
FN8341.0
August 10, 2012
ANALOG INPUT (Note 7)
|AIN|
Full-Scale Input Span
2 x VREF
VIN+ - VIN–
V
VIN+, VIN– Absolute Input Voltage Range
VCM = VREF
V
VIN+
VCM ±
VREF/2
V
VIN–
VCM ±
VREF/2
V
ILEAK
Input Leakage Current
-1
1
µA
CVIN
Input Capacitance
Track Mode
12
pF
Hold Mode
6
pF
REFERENCE INPUT
VREF
VREF Input Voltage Range
VDD = 5V (±1% tolerance for specified
performance)
2.5
V
VDD = 3V (±1% tolerance for specified
performance)
1.25
V
ILEAK
DC Leakage Current
-1
1
μA
CVREF
VREF Input Capacitance
19
pF
LOGIC INPUTS
VIH
Input High Voltage
2.4
V
VIL
Input Low Voltage
0.8
V
ILEAK
Input Leakage Current
-1
1
µA
CIN
Input Capacitance
10
pF
LOGIC OUTPUTS
VOH
Output High Voltage
ISOURCE = 200µA
VDD - 0.3
V
VOL
Output Low Voltage
ISINK = 200µA
0.4
V
ILEAK
Floating-State Leakage Current
-1
1
µA
COUT
Floating-State Output Capacitance
10
pF
Output Coding
Two’s Complement
CONVERSION RATE
tCONV
Conversion Time
888ns with FSCLK = 18MHz
16
SCLK Cycles
1.07µs with FSCLK = 15MHz
16
SCLK Cycles
tACQ
Acquisition Time (Note 8)
Sine Wave Input
200
ns
Fmax
Throughput Rate
VDD = 5V
1
MSPS
VDD = 3V
833
kSPS
POWER REQUIREMENTS
VDD
Positive Supply Voltage Range
3.3V ± 10%
3.0
3.6
V
5V ± 5%
4.75
5.25
V
Electrical Specifications VDD = +3.0V to +3.3V, FSCLK = 15MHz, FS = 833kSPS, VREF = 1.25V, FIN = 200kHz; VDD = +4.75V to
+5.25V, FSCLK = 18MHz, FS =1MSPS, VREF = 2.5V, FIN = 300kHz; VCM = VREF, TA = TMIN to TMAX unless otherwise noted. Typical values are at
TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS


유사한 부품 번호 - ISL267450IBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450IBZ RENESAS-ISL267450IBZ Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
More results

유사한 설명 - ISL267450IBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com