전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL267817IBZ 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL267817IBZ
상세설명  12-Bit Differential Input 200kSPS SAR ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267817IBZ 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL267817IBZ Datasheet HTML 1Page - Intersil Corporation ISL267817IBZ Datasheet HTML 2Page - Intersil Corporation ISL267817IBZ Datasheet HTML 3Page - Intersil Corporation ISL267817IBZ Datasheet HTML 4Page - Intersil Corporation ISL267817IBZ Datasheet HTML 5Page - Intersil Corporation ISL267817IBZ Datasheet HTML 6Page - Intersil Corporation ISL267817IBZ Datasheet HTML 7Page - Intersil Corporation ISL267817IBZ Datasheet HTML 8Page - Intersil Corporation ISL267817IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
12-Bit Differential Input 200kSPS SAR ADC
ISL267817
The ISL267817 is a 12-bit, 200kSPS sampling SAR-type ADC
which features excellent linearity over supply and temperature
variations, and provides a drop-in compatible alternative to all
ADS7817 performance grades. The robust, fully-differential
input offers high impedance to minimize errors due to leakage
currents, and the specified measurement accuracy is
maintained with input signals up to the supply rails.
The reference accepts inputs between 0.1V to 2.5V, providing
design flexibility in a wide variety of applications. The
ISL267817 also features up to 8kV Human Body Model ESD
survivability.
The serial digital interface is SPI compatible and is easily
interfaced to popular FPGAs and microcontrollers. Operating
from a 5V supply, power dissipation is 2.15mW at a sampling
rate of 200kSPS, and just 25µW between conversions utilizing
the Auto Power-Down mode, making the ISL267817 an
excellent solution for remote industrial sensors and
battery-powered instruments. It is available in the compact,
industry-standard 8 Lead SOIC and MSOP packages and is
specified for operation over the industrial temperature range
(-40°C to +85°C).
Features
• Drop-In Compatible with ADS7817 (All Performance Grades)
• Differential Input
• Simple SPI-compatible Serial Digital Interface
• Guaranteed No Missing Codes
• 200kHz Sampling Rate
• +4.75V to +5.25V Supply
• Low 2.15mW Operating Power (200kSPS)
• Power-down Current between Conversions: 3µA
• Excellent Differential Non-Linearity (1.0LSB max)
• Low THD: -85dB (typ)
• Pb-Free (RoHS Compliant)
• Available in SOIC and MSOP Packages
Applications
• Remote Data Acquisition
• Battery Operated Systems
• Industrial Process Control
• Energy Measurement
• Data Acquisition Systems
• Pressure Sensors
• Flow Controllers
FIGURE 1. BLOCK DIAGRAM
FIGURE 2. DIFFERENTIAL LINEARITY ERROR vs CODE
SERIAL
INTERFACE
+VCC
VREF
GND
+IN
–IN
DCLOCK
DOUT
CS/SHDN
SAR
LOGIC
VREF
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
0
512
1024 1536 2048 2560 3072 3584 4096
April 19, 2012
FN7877.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL267817IBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817IBZ RENESAS-ISL267817IBZ Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
More results

유사한 설명 - ISL267817IBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com