전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA301 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPA301
상세설명  350-mW MONO AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA301 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA301_15 Datasheet HTML 4Page - Texas Instruments TPA301_15 Datasheet HTML 5Page - Texas Instruments TPA301_15 Datasheet HTML 6Page - Texas Instruments TPA301_15 Datasheet HTML 7Page - Texas Instruments TPA301_15 Datasheet HTML 8Page - Texas Instruments TPA301_15 Datasheet HTML 9Page - Texas Instruments TPA301_15 Datasheet HTML 10Page - Texas Instruments TPA301_15 Datasheet HTML 11Page - Texas Instruments TPA301_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
PO − Output Power − W
f = 20 Hz
VDD = 3.3 V
RL = 8 Ω
AV = −2 V/V
0.01
0.1
1
1
0.01
10
0.1
f = 1 kHz
f = 10 kHz
f = 20 kHz
PO − Output Power − W
RL = 8 Ω
0.04
0.1
0.4
1
0.01
10
0.1
0.16
0.22
0.28
0.34
VDD = 3.3 V
f = 1 kHz
AV = −2 V/V
f − Frequency − Hz
VDD = 5 V
PO = 350 mW
RL = 8 Ω
20
1k
10k
1
0.01
10
0.1
20k
100
AV =− 10 V/V
AV = −20 V/V
AV = −2 V/V
f − Frequency − Hz
VDD = 5 V
RL = 8 Ω
AV = −2 V/V
20
1k
10k
1
0.01
10
0.1
20k
100
PO = 50 mW
PO = 175 mW
PO = 350 mW
TPA301
SLOS208E – JANUARY 1998 – REVISED JUNE 2004
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 9.
Figure 10.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
8


유사한 부품 번호 - TPA301_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA301D TI-TPA301D Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301D TI-TPA301D Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301DG4 TI-TPA301DG4 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301DGN TI-TPA301DGN Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301DGN TI-TPA301DGN Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA301_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com