전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2000D1-Q1 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2000D1-Q1
상세설명  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1-Q1 데이터시트(HTML) 5 Page - Texas Instruments

  TPA2000D1-Q1 Datasheet HTML 1Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 2Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 3Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 4Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 5Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 6Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 7Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 8Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical Characteristics
Operating Characteristics
TPA2000D1-Q1
www.ti.com ........................................................................................................................................ SGLS137E – SEPTEMBER 2002 – REVISED OCTOBER 2008
at specified free-air temperature, PVDD = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage (measured differentially)
VI = 0 V,
AV = any gain
25
mV
PSRR
Power supply rejection ratio
PVDD = 3.2 V to 3.4 V
–61
dB
|IIH|
High-level input current
PVDD = 3.3,
VI = PVDD
1
µA
|IIL|
Low-level input current
PVDD = 3.3,
VI = 0 V
1
µA
Supply current, no filter (with or without speaker
IDD
4
7
mA
load)
IDD(SD)
Supply current, shutdown mode
0.05
28
µA
PVDD = 3.3 V, TA = 25°C, RL = 4 Ω, gain = 6 dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%,
f = 1 kHz,
850
mW
THD + N
Total harmonic distortion plus noise
PO = 55 mW,
f = 20 Hz to 20 kHz
<0.2%
kSVR
Supply ripple rejection ratio
f = 1 kHz,
CBYP = 1 µF
–61
dB
SNR
Signal-to-noise ratio
93
dB
Output noise voltage (no-noise weighting
Vn
CBYP = 1 µF,
f = <10 Hz to 22 kHz
40
µV(rms)
filter)
ZI
Input impedance
>15
k
Table 1. Gain Settings
AMPLIFIER GAIN
INPUT IMPEDANCE
(dB)
(k
Ω)
GAIN1
GAIN0
TYP
TYP
0
0
6
104
0
1
12
74
1
0
18
44
1
1
23.5
24
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA2000D1-Q1


유사한 부품 번호 - TPA2000D1-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA2000D1-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_06 Datasheet
267Kb / 20P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com