전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2000D1TPWRG4Q1 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2000D1TPWRG4Q1
상세설명  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1TPWRG4Q1 데이터시트(HTML) 1 Page - Texas Instruments

  TPA2000D1TPWRG4Q1 Datasheet HTML 1Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 2Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 3Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 4Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 5Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 6Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 7Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 8Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INP
INN
SHUTDOWN
GAIN0
GAIN1
PVDD
OUTP
PGND
BYPASS
AGND
COSC
ROSC
VDD
PVDD
OUTN
PGND
PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
TPA2000D1-Q1
www.ti.com ........................................................................................................................................ SGLS137E – SEPTEMBER 2002 – REVISED OCTOBER 2008
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
2
• Qualified for Automotive Applications
• 2 W Into a 4-Ω Speaker (THD+N<1%)
• ESD Protection Exceeds 2000 V Per
• <0.2% THD+N at 1.5 W, 1 kHz, Into a 4-Ω Load
MIL-STD-883, Method 3015; Exceeds 200 V
• Integrated Depop Circuitry
Using Machine Model (C = 200 pF, R = 0)
• Short-Circuit Protection (Short to PV
DD,
• Modulation Scheme Optimized to Operate
Ground, and Load)
Without a Filter
• Extremely Efficient Third-Generation 5-V
Class-D Technology:
Low Supply Current (No Filter) . . . 4 mA
Low Supply Current (Filter) . . . 7.5 mA
Low Shutdown Current . . . 0.05
µA
Low-Noise Floor . . . 40
µV
RMS
(No-Weighting Filter)
Maximum Efficiency Into 8
Ω, 75 – 85%
Four Internal Gain Settings . . . 6 – 23.5 dB
PSSR . . . –77 dB
• 4 mm × 4 mm MicroStar™ Junior BGA and
TSSOP Package Options
The TPA2000D1 is a 2-W mono bridge-tied-load (BTL) class-D amplifier designed to drive a speaker with at least
4-
Ω impedance. The amplifier uses Texas Instruments third-generation modulation technique, which results in
improved efficiency and SNR. It also allows the device to be connected directly to the speaker without the use of
the LC output filter commonly associated with class-D amplifiers (this results in EMI which must be shielded at
the system level). These features make the device ideal for use in devices where high efficiency is needed to
extend battery run time.
The gain of the amplifier is controlled by two input terminals, GAIN1 and GAIN0. This allows the amplifier to be
configured for a gain of 6, 12, 18, and 23.5 dB. The differential input terminals are high-impedance CMOS inputs
and can be used as summing nodes.
The class-D BTL amplifier includes depop circuitry to reduce the amount of turnon pop at power up and when
cycling SHUTDOWN.
The TPA2000D1 is available in the 16-pin TSSOP and MicroStar™ Junior BGA packages and drive 2 W of
continuous output power into a 4-
Ω load. The TPA2000D1T operates over an ambient temperature range of
–40°C to 105°C.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 105°C
TSSOP – PW
Tape and reel
TPA2000D1TPWRQ1
20001T
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MicroStar is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPA2000D1TPWRG4Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2000D1TPWRQ1 TI-TPA2000D1TPWRQ1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA2000D1TPWRG4Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_06 Datasheet
267Kb / 20P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com