전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2006D1 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TPA2006D1
상세설명  TPA2006D1 1.45-W MONO Filter-free Class-D Audio Power Amplifier with 1.8-V Compatible Input Thresholds
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2006D1 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA2006D1_15 Datasheet HTML 7Page - Texas Instruments TPA2006D1_15 Datasheet HTML 8Page - Texas Instruments TPA2006D1_15 Datasheet HTML 9Page - Texas Instruments TPA2006D1_15 Datasheet HTML 10Page - Texas Instruments TPA2006D1_15 Datasheet HTML 11Page - Texas Instruments TPA2006D1_15 Datasheet HTML 12Page - Texas Instruments TPA2006D1_15 Datasheet HTML 13Page - Texas Instruments TPA2006D1_15 Datasheet HTML 14Page - Texas Instruments TPA2006D1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SC
150kW
300kW
150kW
150kW
150kW
TPA2006D1
www.ti.com
SLOS498B – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
9 Detailed Description
9.1 Overview
The TPA2006D1 device is a high-efficiency, filter-free, Class-D audio amplifier capable of delivering up to 1.45 W
into 8-
Ω loads with 5-V power supply. Shutdown control is fully compatible with 1.8-V logic levels.
The fully differential design of this amplifier avoids the usage of bypass capacitors and the improved CMRR
eliminates the usage of input coupling capacitors. This makes the device size a perfect choice for small, portable
applications as only three external components are required.
The advanced modulation used in the TPA2006D1 device PWM output stage eliminates the need for an output
filter.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Fully Differential Amplifier
The TPA2006D1 device is a fully differential amplifier with differential inputs and outputs. The fully differential
amplifier consists of a differential amplifier and a common-mode amplifier. The differential amplifier ensures that
the amplifier outputs a differential voltage on the output that is equal to the differential input times the gain. The
common-mode feedback ensures that the common-mode voltage at the output is biased around VDD/2 regardless
of the common-mode voltage at the input. The fully differential TPA2006D1 device can still be used with a single-
ended input; however, the TPA2006D1 device must be used with differential inputs when in a noisy environment,
like a wireless handset, to ensure maximum noise rejection.
9.3.1.1 Advantages of Fully Differential Amplifiers
Input-coupling capacitors not required:
The fully differential amplifier allows the inputs to be biased at voltage other than mid-supply. For example,
if a codec has a mid-supply lower than the mid-supply of the TPA2006D1 device, the common-mode
feedback circuit will adjust, and the TPA2006D1 device outputs will still be biased at mid-supply of the
TPA2006D1 device. The inputs of the TPA2006D1 device can be biased from 0.5 V to VDD – 0.8 V. If the
inputs are biased outside of that range, input-coupling capacitors are required.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA2006D1


유사한 부품 번호 - TPA2006D1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2006D1DRB TI-TPA2006D1DRB Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBR TI-TPA2006D1DRBR Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBR TI1-TPA2006D1DRBR Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA2006D1DRBRG4 TI-TPA2006D1DRBRG4 Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBRG4 TI1-TPA2006D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
More results

유사한 설명 - TPA2006D1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2006D1 TI-TPA2006D1 Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com