전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2008D2 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TPA2008D2
상세설명  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2008D2 데이터시트(HTML) 4 Page - Texas Instruments

  TPA2008D2_15 Datasheet HTML 1Page - Texas Instruments TPA2008D2_15 Datasheet HTML 2Page - Texas Instruments TPA2008D2_15 Datasheet HTML 3Page - Texas Instruments TPA2008D2_15 Datasheet HTML 4Page - Texas Instruments TPA2008D2_15 Datasheet HTML 5Page - Texas Instruments TPA2008D2_15 Datasheet HTML 6Page - Texas Instruments TPA2008D2_15 Datasheet HTML 7Page - Texas Instruments TPA2008D2_15 Datasheet HTML 8Page - Texas Instruments TPA2008D2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
SHUTDOWN
PVDD
RINN
RINP
VOLUME
COSC
ROSC
BYPASS
LINP
LINN
VDD
VDD
AGND
Gain
Adj.
Gain
Adj.
Gate
Drive
Gate
Drive
ROUTN
PGND
PVDD
ROUTP
PGND
Short
Circuit
Protection
Startup
Protection
Logic
Short
Circuit
Protection
Thermal
VDD
PVDD
LOUTP
PGND
PVDD
LOUTN
PGND
Gate
Drive
Gate
Drive
Biases
and
References
Ramp
Generator
Volume
Control
Gain
Adj.
Gain
Adj.
ABSOLUTE MAXIMUM RATINGS
TPA2008D2
SLOS413C – JULY 2003 – REVISED MAY 2004
FUNCTIONAL BLOCK DIAGRAM
over operating free-air temperature range unless otherwise noted (1)
UNIT
VDD,PVDD
Supply voltage range
-0.3 V to 6 V
VI (RINN, RINP, LINN,
Input voltage range
0 V to VDD
LINP, VOLUME)
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
-40
°C to 85°C
TJ
Operating junction temperature range
-40
°C to 150°C
Tstg
Storage temperature range
-65
°C to 85°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
4


유사한 부품 번호 - TPA2008D2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2008D2PWP TI-TPA2008D2PWP Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2PWPG4 TI-TPA2008D2PWPG4 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2PWPR TI-TPA2008D2PWPR Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2PWPRG4 TI-TPA2008D2PWPRG4 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

유사한 설명 - TPA2008D2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA2008 EUTECH-EUA2008 Datasheet
178Kb / 1P
   3-W Stereo Class-D Audio Amplifier with 32-Step DC Volume Control
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2_06 Datasheet
511Kb / 34P
[Old version datasheet]   3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com