전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2010D1 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TPA2010D1
상세설명  2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2010D1 데이터시트(HTML) 2 Page - Texas Instruments

  TPA2010D1_15 Datasheet HTML 1Page - Texas Instruments TPA2010D1_15 Datasheet HTML 2Page - Texas Instruments TPA2010D1_15 Datasheet HTML 3Page - Texas Instruments TPA2010D1_15 Datasheet HTML 4Page - Texas Instruments TPA2010D1_15 Datasheet HTML 5Page - Texas Instruments TPA2010D1_15 Datasheet HTML 6Page - Texas Instruments TPA2010D1_15 Datasheet HTML 7Page - Texas Instruments TPA2010D1_15 Datasheet HTML 8Page - Texas Instruments TPA2010D1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PACKAGE DISSIPATION RATINGS
TPA2010D1
SLOS417C – OCTOBER 2003 – REVISED SEPTEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TA
PACKAGE
PART NUMBER
SYMBOL
Wafer chip scale package (YEF)
TPA2010D1YEF (1)
AJZ
–40
°C to 85°C
Wafer chip scale packaging – Lead free (YZF)
TPA2010D1YZF (1)
AKO
(1)
The YEF and YZF packages are only available taped and reeled. To order add the suffix R to the end of the part number for a reel of
3000, or add the suffix T to the end of the part number for a reel of 250 (e.g. TPA2010D1YEFR).
over operating free-air temperature range unless otherwise noted(1)
TPA2010D1
In active mode
–0.3 V to 6 V
VDD
Supply voltage
In SHUTDOWN mode
–0.3 V to 7 V
VI
Input voltage
–0.3 V to VDD + 0.3 V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature
–40
°C to 85°C
TJ
Operating junction temperature
–40
°C to 150°C
Tstg
Storage temperature
–65
°C to 150°C
YZF
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
YEF
235
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level input voltage
SHUTDOWN
1.3
VDD
V
VIL
Low-level input voltage
SHUTDOWN
0
0.35
V
RI
Input resistor
Gain
≤ 20 V/V (26 dB)
15
k
VIC
Common mode input voltage range VDD = 2.5 V, 5.5 V, CMRR ≤ –49 dB
0.5
VDD–0.8
V
TA
Operating free-air temperature
–40
85
°C
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
DERATING FACTOR(1)
POWER RATING
POWER RATING
POWER RATING
YEF
7.8 mW/
°C
780 mW
429 mW
312 mW
YZF
7.8 mW/
°C
780 mW
429 mW
312 mW
(1)
Derating factor measure with High K board.
2
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): TPA2010D1


유사한 부품 번호 - TPA2010D1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFR TI-TPA2010D1YEFR Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFR TI1-TPA2010D1YEFR Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YEFT TI-TPA2010D1YEFT Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA2010D1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com