전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3111D1-Q1 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TPA3111D1-Q1
상세설명  TPA3111D1-Q1 10-W Filter-Free Mono Class-D Audio Power Amplifier With Speakerguard?
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3111D1-Q1 데이터시트(HTML) 3 Page - Texas Instruments

  TPA3111D1-Q1_15 Datasheet HTML 1Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 2Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 3Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 4Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 5Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 6Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 7Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 8Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
SD
FAULT
GND
GND
GAIN0
GAIN1
AVCC
AGND
GVDD
PLIMIT
PVCC
PVCC
BSN
OUTN
PGND
OUTN
BSN
BSP
OUTP
PGND
INN
INP
NC
11
12
13
14
18
17
16
15
OUTP
BSP
PVCC
PVCC
AVCC
TPA3111D1-Q1
www.ti.com
SLOS759D – MARCH 2012 – REVISED AUGUST 2015
5 Pin Configuration and Functions
PWP Package
28-Pin HSSOP With Thermal Pad
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
AGND
8
Analog supply ground, connect to the thermal pad.
AVCC
7
P
Analog supply
AVCC
14
P
Connect AVCC supply to this pin
BSN
22, 26
I
Bootstrap I/O for negative high-side FET
BSP
17, 21
I
Bootstrap I/O for positive high-side FET
Open drain output used to display short circuit or DC detect fault status. Voltage compliant to AVCC. Short
FAULT
2
O
circuit faults can be set to auto-recovery by connecting FAULT pin to SD pin. Otherwise both short circuit
faults and DC detect faults must be reset by cycling PVCC.
GAIN0
5
I
Gain select least significant bit. TTL logic levels with compliance to AVCC.
GAIN1
6
I
Gain select most significant bit. TTL logic levels with compliance to AVCC.
GND
3, 4
Connect to local ground
High-side FET gate drive supply, nominal voltage is 7 V. May also be used as supply for PLIMIT divider.
GVDD
9
O
Add a 1-
μF capacitor to ground at this pin.
INN
11
I
Negative audio input, biased at 3 V.
INP
12
I
Positive audio input, biased at 3 V.
NC
13
Not connected
OUTN
23, 25
O
Class-D H-bridge negative output
OUTP
18, 20
O
Class-D H-bridge positive output
PGND
19, 24
Power ground for the H-bridges
Power limit level adjust. Connect directly to GVDD pin for no power limiting. Add a 1-
μF capacitor to
PLIMIT
10
I
ground at this pin.
15, 16,
PVCC
P
Power supply for H-bridge. PVCC pins are also connected internally.
27, 28
Shutdown logic input for audio amp(LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels with
SD
1
I
compliance to AVCC.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA3111D1-Q1


유사한 부품 번호 - TPA3111D1-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
More results

유사한 설명 - TPA3111D1-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com