전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6017A2 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TPA6017A2
상세설명  2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6017A2 데이터시트(HTML) 2 Page - Texas Instruments

  TPA6017A2_15 Datasheet HTML 1Page - Texas Instruments TPA6017A2_15 Datasheet HTML 2Page - Texas Instruments TPA6017A2_15 Datasheet HTML 3Page - Texas Instruments TPA6017A2_15 Datasheet HTML 4Page - Texas Instruments TPA6017A2_15 Datasheet HTML 5Page - Texas Instruments TPA6017A2_15 Datasheet HTML 6Page - Texas Instruments TPA6017A2_15 Datasheet HTML 7Page - Texas Instruments TPA6017A2_15 Datasheet HTML 8Page - Texas Instruments TPA6017A2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TPA6017A2
SLOS386A − NOVEMBER 2001 − REVISED APRIL 2007
2
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
AVAILABLE OPTIONS
PACKAGED DEVICE†
TA
TSSOP
(PWP)
−40
°C to 85°C
TPA6017A2PWP
† The PWP package is available taped and reeled. To order a taped and reeled part, add the suffix R to the part
number (e.g., TPA6017A2PWPR). For the most current package and ordering information, see the Package
Option Addendum at the end of this document, or see the TI website at www.ti.com.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GAIN0
GAIN1
LOUT+
LIN−
PVDD
RIN+
LOUT−
LIN+
BYPASS
GND
SHUTDOWN
ROUT+
RIN−
VDD
PVDD
ROUT−
GND
NC
GND
PWP PACKAGE
(TOP VIEW)
NC − No internal connection
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
10
Tap to voltage divider for internal midsupply bias generator
GAIN0
2
I
Bit 0 of gain select
GAIN1
3
I
Bit 1 of gain select
GND
1, 11,
13, 20
Ground
LIN−
5
Left channel negative differential input
LIN+
9
I
Left channel positive differential input
LOUT−
8
O
Left channel negative output
LOUT+
4
O
Left channel positive output
NC
12
No connection
PVDD
6, 15
I
Supply voltage terminal
ROUT−
14
O
Right channel negative output
ROUT+
18
O
Right channel positive output
RIN−
17
I
Right channel negative differential input
RIN+
7
I
Right channel positive differential input
SHUTDOWN
19
I
Places IC in shutdown mode when held low
VDD
16
I
Supply voltage terminal


유사한 부품 번호 - TPA6017A2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2_13 Datasheet
3Mb / 81P
[Old version datasheet]   Introduction and Table of Contents
More results

유사한 설명 - TPA6017A2_15

제조업체부품명데이터시트상세설명
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com