전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29006IROZ-EVALZ 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL29006IROZ-EVALZ
상세설명  Small, Low Power, Current-Output Ambient Light Photo Detect IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29006IROZ-EVALZ 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL29006IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6282.2
October 8, 2015
resistor at the output. This limit is set by the design of the
internal metal interconnects.
ISL29008 has the capability of both sourcing and sinking
current simultaneously. It may replace ISL29006 in sourcing
current applications, or ISL29007 in sinking current
applications. In applications that require both sourcing and
sinking currents, for example in cases of mobile phones or
PDAs where the display brightness needs to be proportional
to ambient brightness while the key pads need to be
inversely proportional to the brightness, ISL29008 offers the
most economical solution for cost and footprint.
Suggested PCB Footprint
Footprint pads should be a nominal 1-to-1 correspondence
with package pads. Since ambient light sensor devices do
not dissipate high power, heat dissipation through the
exposed pad is not important; instead, similar to DFN or
QFN, the exposed pad provides robustness in the board
mounting process. Therefore, we recommend that the
exposed pad be soldered down for robust joint formation, but
this is not mandatory.
Power Supply Bypassing and Printed Circuit
Board Layout
The ISL29006, ISL29007 and ISL29008 are relatively
insensitive to the printed circuit board layout due to their low
speed operation. Nevertheless, good printed circuit board
layout is necessary for optimum performance. Ground plane
construction is highly recommended; lead length should be
as short as possible and the power supply pins must be well
bypassed to reduce the risk of oscillation. For normal single
supply operation where the GND pin is connected to ground,
a 0.1µF ceramic capacitor should be placed from the VCC
pin to the GND pin. A 4.7µF tantalum capacitor should then
be connected in parallel, placed close to the device.
Optical Sensor Location Outline
The green area in Figure 22 shows the optical sensor
location outline of ISL29006, ISL29007 and ISL29008.
Along the pin-out direction, the center line (CL) of the sensor
coincides with that of the packaging. The sensor width in this
direction is 0.39mm. Perpendicular to the pin-out direction,
the CL of the sensor has a 0.19mm offset from the CL of
packaging away from pin-1. The sensor width in this
direction is 0.46mm.
LX
FB
ENABLE
VIN
U2
EL7630
RLED
6.19
L1
22µH
C2
1µF
R1
100k
VIN
ENABLE
C1
1µF
D1
MA2772800LCT-ND
GND
Rs
750
VDD
1
GND
2
NC
ISRC
6
U1
ISL29006 LIGHT SENSOR
C2
0.1µF
D4
D5
D6
D3
D2
FIGURE 21. AUTOMATIC DIMMING CONTROL
5
NC
3
EN
4
ISL29006, ISL29007, ISL29008


유사한 부품 번호 - ISL29006IROZ-EVALZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29006IROZ-EVALZ INTERSIL-ISL29006IROZ-EVALZ Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29006IROZ-EVALZ RENESAS-ISL29006IROZ-EVALZ Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
More results

유사한 설명 - ISL29006IROZ-EVALZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com