전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29023IROZ-T7 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL29023IROZ-T7
상세설명  Integrated Digital Light Sensor with Interrupt
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29023IROZ-T7 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL29023IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ISL29023
3
FN6691.4
May 1, 2014
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.0V
I2C Bus (SCL, SDA) and INT Pin Voltage. . . . . . . . . . . . . . . . . . -0.2V to 4.0V
I2C Bus (SCL, SDA) and INT Pin Current. . . . . . . . . . . . . . . . . . . . . . . <10mA
REXT Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to VDD+0.5V
ESD Ratings
Human Body Model (HBM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Charged Device Model (CDM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1kV
Thermal Resistance (Typical). . . . . . . . . . . . . . . . . . . . . . .
JA (°C/W)
6 Ld ODFN Package (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
Maximum Junction Temperature (TJMAX). . . . . . . . . . . . . . . . . . . . . . .+90°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Pb-Free Reflow Profile (*) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB477
*Peak temperature during solder reflow +235°C max
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
Electrical Specifications V
DD = 3V, TA = +25°C, REXT = 499kΩ 1% tolerance, 16-bit ADC operation, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
VDD
Power Supply Range
2.25
3.63
V
IDD
Supply Current
70
85
µA
IDD1
Supply Current when Powered Down
Software disabled or auto power-down
0.01
0.3
µA
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V
fOSC
Internal Oscillator Frequency
675
750
825
kHz
tint
ADC Integration/Conversion Time
16-bit ADC data
90
ms
FI2C
I2C Clock Rate Range
1 to 400
kHz
DATA_0
Count Output When Dark
E = 0 lux, Range 1 (1k lux)
1
5
Counts
DATA_F
Full Scale ADC Code
65535
Counts
DDATA
DATA
Count Output Variation Over Three Light
Sources: Fluorescent, Incandescent and
Sunlight
Ambient light sensing
±10
%
DATA_1
Light Count Output With LSB of
0.015 lux/count
E = 300 lux, Fluorescent light (Note 5), ALS Range
1 (1k lux)
15000
20000
25000
Counts
DATA_2
Light Count Output With LSB of
0.06 lux/count
E = 300 lux, Fluorescent light (Note 5), ALS Range
2 (4k lux)
5000
Counts
DATA_3
Light Count Output With LSB of
0.24 lux/count
E = 300 lux, Fluorescent light (Note 5), ALS Range
3 (16k lux)
1250
Counts
DATA_4
Light Count Output With LSB of
0.96 lux/count
E = 300 lux, Fluorescent light (Note 5), ALS Range
4 (64k lux)
312
Counts
DATA_IR1
Infrared Count Output
E = 210 lux, Sunlight (Note 6), IR sensing, Range 1
15000
20000
25000
DATA_IR2
Infrared Count Output
E = 210 lux, Sunlight (Note 6), IR sensing, Range 2
5000
DATA_IR3
Infrared Count Output
E = 210 lux, Sunlight (Note 6), IR sensing, Range 3
1250
DATA_IR4
Infrared Count Output
E = 210 lux, Sunlight (Note 6), IR sensing, Range 4
312
VREF
Voltage of REXT Pin
0.52
V
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
ISDA
SDA Current Sinking Capability
4
5
mA
IINT
INT Current Sinking Capability
4
5
mA
NOTES:
5. 550nm green LED is used in production test. The 550nm LED irradiance is calibrated to produce the same DATA count against an illuminance level of
300 lux fluorescent light.
6. 850nm IR LED is used in production test. The 850nm LED irradiance is calibrated to produce the same DATA_IR count against an illuminance level of
210 lux sunlight at sea level.
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.


유사한 부품 번호 - ISL29023IROZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29023IROZ-T7 INTERSIL-ISL29023IROZ-T7 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Renesas Technology Corp
ISL29023IROZ-T7 RENESAS-ISL29023IROZ-T7 Datasheet
882Kb / 14P
   Integrated Digital Light Sensor with Interrupt
More results

유사한 설명 - ISL29023IROZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29035 INTERSIL-ISL29035 Datasheet
101Kb / 2P
   Integrated Digital Light Sensor with Interrupt
logo
Renesas Technology Corp
ISL29023 RENESAS-ISL29023 Datasheet
882Kb / 14P
   Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29035 INTERSIL-ISL29035_14 Datasheet
476Kb / 16P
   Integrated Digital Light Sensor with Interrupt
November 12, 2014
logo
Renesas Technology Corp
ISL29035 RENESAS-ISL29035 Datasheet
774Kb / 17P
   Integrated Digital Light Sensor with Interrupt
logo
Cooper Bussmann, Inc.
ISL29035 COOPER-ISL29035 Datasheet
101Kb / 2P
   Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com