전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4966V-1K 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 TLE4966V-1K
상세설명  In Plane Sensing with Vertical Dual Hall Effect Latch for Automotive Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966V-1K 데이터시트(HTML) 1 Page - Infineon Technologies AG

  TLE4966V-1K Datasheet HTML 1Page - Infineon Technologies AG TLE4966V-1K Datasheet HTML 2Page - Infineon Technologies AG TLE4966V-1K Datasheet HTML 3Page - Infineon Technologies AG TLE4966V-1K Datasheet HTML 4Page - Infineon Technologies AG TLE4966V-1K Datasheet HTML 5Page - Infineon Technologies AG TLE4966V-1K Datasheet HTML 6Page - Infineon Technologies AG TLE4966V-1K Datasheet HTML 7Page - Infineon Technologies AG TLE4966V-1K Datasheet HTML 8Page - Infineon Technologies AG TLE4966V-1K Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Sense & Control
Data Sheet
Revision 1.0, 2014-05-13
TLE4966V-1K
In Plane Sensing with Vertical Dual Hall Effect Latch
for Automotive Applications


유사한 부품 번호 - TLE4966V-1K

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4966-2K INFINEON-TLE4966-2K Datasheet
1Mb / 14P
   High Precision Hall Switch with two Outputs
Rev.1.0, 2010-06-28
TLE4966-3K INFINEON-TLE4966-3K Datasheet
1Mb / 15P
   High Sensitivity Automotive Hall Switch with direction detection
Rev.1.0, 2010-09-20
TLE4966G INFINEON-TLE4966G Datasheet
1Mb / 17P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.01, October 2019
TLE4966H INFINEON-TLE4966H Datasheet
180Kb / 11P
   High Precision Hall-Effect Switch
2003-11-20
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
More results

유사한 설명 - TLE4966V-1K

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4963-1M INFINEON-TLE4963-1M_16 Datasheet
734Kb / 17P
   High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
TLE4963-2M INFINEON-TLE4963-2M_16 Datasheet
734Kb / 17P
   High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
TLI4961-1L INFINEON-TLI4961-1L Datasheet
1Mb / 21P
   Hall Effect Latch for Industrial Applications
Revision 1.1, 2012-10-15
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
   Dual Hall Effect Latch
logo
List of Unclassifed Man...
MLX90224 ETC-MLX90224 Datasheet
174Kb / 8P
   DUAL HALL EFFECT LATCH
logo
Rohm
BD5410XG-CZ ROHM-BD5410XG-CZ Datasheet
942Kb / 17P
   Automotive Hall Effect Latch Series
23.May.2022 Rev.001
logo
Infineon Technologies A...
TLV4968-1T INFINEON-TLV4968-1T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
logo
Melexis Microelectronic...
MLX92251 MELEXIS-MLX92251 Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction
logo
Infineon Technologies A...
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLI4963-2M INFINEON-TLI4963-2M_16 Datasheet
672Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com