전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLF80511EJ 데이터시트(PDF) 11 Page - Infineon Technologies AG

부품명 TLF80511EJ
상세설명  Low Dropout Linear Fixed Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF80511EJ 데이터시트(HTML) 11 Page - Infineon Technologies AG

Back Button TLF80511EJ_15 Datasheet HTML 7Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 8Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 9Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 10Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 11Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 12Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 13Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 14Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
11
Rev. 1.0, 2014-11-17
TLF80511EJ
Block Description and Electrical Characteristics
Load Regulation
ΔV
Q,load versus
Output Current Change
ΔI
Q (TLF80511EJV50)
Line Regulation
ΔV
Q,line versus
Input Voltage ∆
V
I (TLF80511EJV50)
Power Supply Ripple Rejection versus
Frequency (TLF80511EJV50)
Stability Region: Equivalent Serial Resistor
ESR
versus Output Current
I
Q (TLF80511EJV50)
-12
-10
-8
-6
-4
-2
0
2
0
100
200
300
400
ΔIQ [mA]
VI = 13.5 V
VI = 13.5 V
Tj = -40 °C
Tj = 25 °C
-8
-6
-4
-2
0
2
4
6
8
0
10203040
ΔV
I [V]
IQ = 5 mA
Tj = 25 °C
Tj = -40 °C
Tj = 150 °C
0
10
20
30
40
50
60
70
0,01
0,1
1
10
100
1000
f [kHz]
IQ = 10 mA
CQ = 1 µF
VI = 13.5 V
Vripple = 0.5 Vpp
Tj = 25 °C
0,01
0,1
1
10
100
0
100
200
300
400
IQ [mA]
CQ = 1 µF
VI = 6..28 V
Stable
Region
Unstable
Region


유사한 부품 번호 - TLF80511EJ_15

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLF80511 INFINEON-TLF80511 Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511TC INFINEON-TLF80511TC Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511TF INFINEON-TLF80511TF Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
TLF80511TFV33 INFINEON-TLF80511TFV33 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
TLF80511TFV50 INFINEON-TLF80511TFV50 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
More results

유사한 설명 - TLF80511EJ_15

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754 Datasheet
406Kb / 24P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, May 2008
logo
Solid States Devices, I...
SVR005 SSDI-SVR005_15 Datasheet
74Kb / 2P
   FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754_08 Datasheet
503Kb / 26P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
TLF80511TF INFINEON-TLF80511TF Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
logo
Solid States Devices, I...
SVR005 SSDI-SVR005 Datasheet
74Kb / 2P
   FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLF80511 INFINEON-TLF80511 Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511TC INFINEON-TLF80511TC Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
   Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com