전자부품 데이터시트 검색엔진 |
|
LM109 데이터시트(PDF) 3 Page - Texas Instruments |
|
LM109 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 10 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Input Voltage 35V Power Dissipation Internally Limited Operating Junction Temperature Range LM109 −55˚C to +150˚C LM309 0˚C to +125˚C Storage Temperature Range −65˚C to +150˚C Lead Temperature (Soldering, 10 sec.) 300˚C Electrical Characteristics (Note 2) Parameter Conditions LM109 LM309 Units Min Typ Max Min Typ Max Output Voltage T j = 25˚C 4.7 5.05 5.3 4.8 5.05 5.2 V Line Regulation T j = 25˚C 4.0 50 4.0 50 mV 7.10V ≤ V IN ≤ 25V Load Regulation T j = 25˚C TO-39 Package 5 mA ≤ I OUT ≤ 0.5A 15 50 15 50 mV TO-3 Package 5 mA ≤ I OUT ≤ 1.5A 15 100 15 100 mV Output Voltage 7.40V ≤ V IN ≤ 25V, 4.6 5.4 4.75 5.25 V 5mA ≤ I OUT ≤ IMAX, P < P MAX Quiescent Current 7.40V ≤ V IN ≤ 25V 5.2 10 5.2 10 mA Quiescent Current Change 7.40V ≤ V IN ≤ 25V 0.5 0.5 mA 5mA ≤ I OUT ≤ IMAX 0.8 0.8 mA Output Noise Voltage T A = 25˚C 40 40 µV 10 Hz ≤ f ≤ 100 kHz Long Term Stability 10 20 mV Ripple Rejection T j = 25˚C 50 50 dB Thermal Resistance, (Note 3) Junction to Case TO-39 Package 15 15 ˚C/W TO-3 Package 2.5 2.5 ˚C/W Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. Note 2: Unless otherwise specified, these specifications apply −55˚C ≤ Tj ≤ +150˚C for the LM109 and 0˚C ≤ Tj ≤ +125˚C for the LM309; VIN = 10V; and IOUT = 0.1A for the TO-39 package or IOUT = 0.5A for the TO-3 package. For the TO-39 package, IMAX = 0.2A and PMAX = 2.0W. For the TO-3 package, IMAX = 1.0A and PMAX = 20W. Note 3: Without a heat sink, the thermal resistance of the TO-39 package is about 150˚C/W, while that of the TO-3 package is approximately 35˚C/W. With a heat sink, the effective thermal resistance can only approach the values specified, depending on the efficiency of the sink. Note 4: Refer to RETS109H drawing for LM109H or RETS109K drawing for LM109K military specifications. Connection Diagrams Metal Can Packages DS007138-33 Order Number LM109H, LM109H/883 or LM309H See NS Package Number H03A DS007138-34 Order Number LM109K STEEL or LM309K STEEL See NS Package Number K02A Order Number LM109K/883 See NS Package Number K02C www.national.com 2 |
유사한 부품 번호 - LM109_15 |
|
유사한 설명 - LM109_15 |