전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM117HV 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM117HV
상세설명  LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM117HV 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM117HV_15 Datasheet HTML 6Page - Texas Instruments LM117HV_15 Datasheet HTML 7Page - Texas Instruments LM117HV_15 Datasheet HTML 8Page - Texas Instruments LM117HV_15 Datasheet HTML 9Page - Texas Instruments LM117HV_15 Datasheet HTML 10Page - Texas Instruments LM117HV_15 Datasheet HTML 11Page - Texas Instruments LM117HV_15 Datasheet HTML 12Page - Texas Instruments LM117HV_15 Datasheet HTML 13Page - Texas Instruments LM117HV_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM117HV, LM317HV
SNVS773D – APRIL 2000 – REVISED SEPTEMBER 2015
www.ti.com
8.3 Feature Description
8.3.1 Load Regulation
The LM317HV is capable of providing extremely good load regulation but a few precautions are needed to obtain
maximum performance. The current set resistor, R1, should be connected near the output terminal of the
regulator rather than near the load. If R1 is placed too far from the output terminal, then the increased trace
resistance, RS, will cause an error voltage drop in the adjustment loop and degrade load regulation performance.
Therefore, R1 should be placed as close as possible to the output terminal to minimize RS and maximize load
regulation performance.
Figure 14 shows the effect of the trace resistance, RS, when R1 is placed far from the output terminal of the
regulator. It is clear that RS will cause an error voltage drop especially during higher current loads, so it is
important to minimize the RS trace resistance by keeping R1 close to the regulator output terminal.
Figure 14. Regulator With Line Resistance in Output Lead
With the TO-3 package, it is easy to minimize the resistance from the case to the set resistor, by using two
separate leads to the case. However, with the TO-39 package, take care to minimize the wire length of the
output lead. The ground of R2 can be returned near the ground of the load to provide remote ground sensing
and improve load regulation.
8.3.2 Current Limit
Internal current limit will be activated whenever the output current exceeds the limit indicated in Typical
Characteristics. However, if the regulators differential voltage exceeds the absolute maximum rating of 60 V
during a short-circuit condition (for example: VIN ≥ 60 V, VOUT = 0 V), internal junctions in the regulator may break
down and the device may be damaged or fail. Failure modes range from an apparent open or short from input to
output of the regulator, to a destroyed package (most common with the TO-220 package). To protect the
regulator, the user is advised to be aware of voltages that may be applied to the regulator during fault conditions
and to avoid violating the Absolute Maximum Ratings.
8.4 Device Functional Modes
8.4.1 External Capacitors
An input bypass capacitor is recommended. A 0.1-
μF disc or 1-μF solid tantalum on the input is suitable input
bypassing for almost all applications. The device is more sensitive to the absence of input bypassing when
adjustment or output capacitors are used but the above values will eliminate the possibility of problems.
The adjustment terminal can be bypassed to ground on the LM317HV to improve ripple rejection. This bypass
capacitor prevents ripple from being amplified as the output voltage is increased. With a 10-
μF bypass capacitor
the 80-dB ripple rejection is obtainable at any output level. Increases over 10
μF do not appreciably improve the
ripple rejection at frequencies above 120 Hz. If the bypass capacitor is used, it is sometimes necessary to
include protection diodes to prevent the capacitor from discharging through internal low current paths and
damaging the device.
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM117HV LM317HV


유사한 부품 번호 - LM117HV_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
More results

유사한 설명 - LM117HV_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM317HV TI-LM317HV_15 Datasheet
2Mb / 28P
[Old version datasheet]   LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM317HV-MIL TI1-LM317HV-MIL Datasheet
2Mb / 26P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
Micro Electronics
SG117A MICRO-ELECTRONICS-SG117A Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com