전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM317 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM317
상세설명  LM317 3-Terminal Adjustable Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM317 데이터시트(HTML) 3 Page - Texas Instruments

  LM317_15 Datasheet HTML 1Page - Texas Instruments LM317_15 Datasheet HTML 2Page - Texas Instruments LM317_15 Datasheet HTML 3Page - Texas Instruments LM317_15 Datasheet HTML 4Page - Texas Instruments LM317_15 Datasheet HTML 5Page - Texas Instruments LM317_15 Datasheet HTML 6Page - Texas Instruments LM317_15 Datasheet HTML 7Page - Texas Instruments LM317_15 Datasheet HTML 8Page - Texas Instruments LM317_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
DCY (SOT-223) PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJUST
KTE PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJUST
KC (TO-220) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
ADJUST
KTT (TO-263) PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJUST
OUTPUT
INPUT
ADJUST
KCS / KCT (TO-220) PACKAGE
(TOP VIEW)
LM317
www.ti.com
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
DCY, KCS,
NAME
KCT, KTT
ADJUST
1
I
Output voltage adjustment pin. Connect to a resistor divider to set VO
INPUT
3
I
Supply input pin
OUTPUT
2
O
Voltage output pin
Copyright © 1997–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM317


유사한 부품 번호 - LM317_15

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
More results

유사한 설명 - LM317_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM117 TI1-LM117 Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM117 TI-LM117_15 Datasheet
3Mb / 41P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117H TI1-LM117H Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317AEMP TI1-LM317AEMP Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
logo
First Components Intern...
LM317E FCI-LM317E Datasheet
538Kb / 9P
   LM317-3 Terminal Adjustable Output Positive Voltage Regulators
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com