전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1086 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LM1086
상세설명  LM1086 1.5-A Low Dropout Positive Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM1086 데이터시트(HTML) 2 Page - Texas Instruments

  LM1086_15 Datasheet HTML 1Page - Texas Instruments LM1086_15 Datasheet HTML 2Page - Texas Instruments LM1086_15 Datasheet HTML 3Page - Texas Instruments LM1086_15 Datasheet HTML 4Page - Texas Instruments LM1086_15 Datasheet HTML 5Page - Texas Instruments LM1086_15 Datasheet HTML 6Page - Texas Instruments LM1086_15 Datasheet HTML 7Page - Texas Instruments LM1086_15 Datasheet HTML 8Page - Texas Instruments LM1086_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LM1086
SNVS039J – JUNE 2000 – REVISED APRIL 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 11
1
Features .................................................................. 1
8
Application and Implementation ........................ 13
2
Applications ........................................................... 1
8.1
Application Information............................................ 13
3
Description ............................................................. 1
8.2
Typical Applications ................................................ 13
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 18
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 18
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 18
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 18
6.2
ESD Ratings ............................................................ 4
10.3
Thermal Considerations ........................................ 19
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 21
6.4
Thermal Information .................................................. 5
11.1
Development Support ........................................... 21
6.5
Electrical Characteristics........................................... 5
11.2
Trademarks ........................................................... 21
6.6
Typical Characteristics .............................................. 7
11.3
Electrostatic Discharge Caution ............................ 21
7
Detailed Description .............................................. 9
11.4
Glossary ................................................................ 21
7.1
Overview ................................................................... 9
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 9
Information ........................................................... 21
7.3
Feature Description................................................. 10
4 Revision History
Changes from Revision I (August 2014) to Revision J
Page
Added 8-pin WSON pinout drawing and associated device information................................................................................ 3
Changes from Revision H (May 2013) to Revision I
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 4
2
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM1086


유사한 부품 번호 - LM1086_15

제조업체부품명데이터시트상세설명
logo
Seme LAB
LM1086-12-220M SEME-LAB-LM1086-12-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
More results

유사한 설명 - LM1086_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com