전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2936M-3.3 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2936M-3.3
상세설명  Ultra-Low Quiescent Current LDO Voltage Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2936M-3.3 데이터시트(HTML) 5 Page - Texas Instruments

  LM2936M-3.3 Datasheet HTML 1Page - Texas Instruments LM2936M-3.3 Datasheet HTML 2Page - Texas Instruments LM2936M-3.3 Datasheet HTML 3Page - Texas Instruments LM2936M-3.3 Datasheet HTML 4Page - Texas Instruments LM2936M-3.3 Datasheet HTML 5Page - Texas Instruments LM2936M-3.3 Datasheet HTML 6Page - Texas Instruments LM2936M-3.3 Datasheet HTML 7Page - Texas Instruments LM2936M-3.3 Datasheet HTML 8Page - Texas Instruments LM2936M-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LM2936
www.ti.com
SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014
6.5 Electrical Characteristics for 3-V LM2936
VIN = 14 V, IOUT = 10 mA, TJ = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
3-V LM2936HV ONLY
Output voltage
5.5 V
≤ VIN ≤ 48 V, 100 µA ≤ IOUT ≤ 50 mA,
(2)
2.91
3
3.09
V
–40°C
≤ TJ ≤ 125°C
Line regulation
6 V
≤ VIN ≤ 60 V, IOUT = 1 mA
10
30
mV
ALL 3-V LM2936
2.94
3
3.06
Output voltage
V
4 V
≤ VIN ≤ 26 V, 100 µA ≤ IOUT ≤ 50 mA,
(2)
2.91
3.000
3.09
–40°C
≤ TJ ≤ 125°C
Quiescent current
IOUT = 100 μA, 8 V ≤ VIN ≤ 24 V
15
20
μA
IOUT = 10 mA, 8 V ≤ VIN ≤ 24 V
0.2
0.5
mA
IOUT = 50 mA, 8 V ≤ VIN ≤ 24 V
1.5
2.5
mA
Line regulation
9 V
≤ VIN ≤ 16 V
5
10
mV
6 V
≤ VIN ≤ 40 V, IOUT = 1 mA
10
30
Load regulation
100
μA ≤ IOUT ≤ 5 mA
10
30
mV
5 mA
≤ IOUT ≤ 50 mA
10
30
Dropout voltage
IOUT = 100 μA
0.05
0.1
V
IOUT = 50 mA
0.20
0.40
V
Short-circuit current
VOUT = 0 V
65
120
250
mA
Output impedance
IOUT = 30 mAdc and 10 mArms, ƒ = 1000 Hz
450
m
Ω
Output noise voltage
10 Hz–100 kHz
500
μV
Long-term stability
20
mV/1000 Hr
Ripple rejection
Vripple = 1 Vrms, ƒripple = 120 Hz
−40
−60
dB
Reverse polarity
RL = 500 Ω, t = 1 ms
−50
−80
V
transient input voltage
Output voltage with
VIN = −15 V, RL = 500 Ω
0
−0.3
V
reverse polarity input
Maximum Line Transient
RL = 500 Ω, VOUT ≤ 3.3 V, T = 40 ms
60
V
Output bypass
COUT = 22 µF, 0.1 mA ≤ IOUT ≤ 50 mA
0.3
8
Ω
capacitance (COUT) ESR
SHUTDOWN INPUT
− 3-V LM2936BM ONLY
Output voltage, VOUT
Output off, VSD = 2.4 V, RLOAD = 500 Ω
0
0.01
V
Shutdown high
Output off, RLOAD = 500 Ω
2
1.1
V
threshold voltage, VIH
Shutdown low
Output on, RLOAD = 500 Ω
1.1
0.6
V
threshold voltage, VIL
Shutdown high
Output off, VSD = 2.4 V, RLOAD = 500Ω
12
μA
current, IIH
Quiescent current
Output off, VSD = 2.4 V, RLOAD = 500 Ω,
30
μA
includes IIH current
(1)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
(2)
Typicals are at 25°C (unless otherwise specified) and represent the most likely parametric norm.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2936


유사한 부품 번호 - LM2936M-3.3

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2936M-3.3 NSC-LM2936M-3.3 Datasheet
295Kb / 10P
   Ultra-Low Quiescent Current 3.3V Regulator
LM2936M-3.3 NSC-LM2936M-3.3 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936M-3.3 TI-LM2936M-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936M-3.3 TI-LM2936M-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
More results

유사한 설명 - LM2936M-3.3

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com