전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54217EVAL1Z 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL54217EVAL1Z
상세설명  USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54217EVAL1Z 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL54217EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN6817.4
June 17, 2010
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. BREAK-BEFORE-MAKE TIME
FIGURE 3. AUDIO rON TEST CIRCUIT
FIGURE 4. USB rON TEST CIRCUIT
FIGURE 5. CAPACITANCE TEST CIRCUIT
FIGURE 6. AUDIO CROSSTALK TEST CIRCUIT
Test Circuits and Waveforms (Continued)
90%
VC0
VC1
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
LOGIC
C0, C1
COMx
RL
CL
VOUT
10pF
50
Ω
1D- OR 1D+
L OR R
VDD
GND
VINPUT
C
INPUT
2D- OR 2D+
VDD
C
COMx
L OR R
GND
VL OR R
V1
rON = V1/60mA
60mA
Repeat test for all switches.
VCOH
C0
C1
VC1H
VDD
C
D- OR D+
COMx
C0
GND
VD- OR D+
V1
rON = V1/40mA
40mA
Repeat test for all switches.
C1
VC0L AND
VC1H OR
VC0H AND
VC1L
VDD
C
GND
AUDIO OR USB
COMx
VCx
IMPEDANCE
ANALYZER
VCxL OR
Repeat test for all switches.
CTRL
VCxH
0V OR FLOAT
ANALYZER
VDD
C
L OR R
SIGNAL
GENERATOR
32
Ω
GND
VCx
32
Ω
NC
COMx
R or L
CTRL
COMx
ISL54217


유사한 부품 번호 - ISL54217EVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54217EVAL1Z INTERSIL-ISL54217EVAL1Z Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54217EVAL1Z INTERSIL-ISL54217EVAL1Z Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54217EVAL1Z RENESAS-ISL54217EVAL1Z Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
More results

유사한 설명 - ISL54217EVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com